| 전자부품 데이터시트 검색엔진 |
|
STSPIN32F0602 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN32F0602 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 32 page ![]() 6.3 Advanced-control timer (TIM1) The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on six channels. It has complementary PWM outputs with programmable inserted deadtimes. This timer is used to generate the PWM signal for the three half-bridge gate drivers as shown in Table 9. Table 9. TIM1 channel configuration MCU I/O ASIC input TIM1 channel PB13 LIN1 TIM1_CH1N PB14 LIN2 TIM1_CH2N PB15 LIN3 TIM1_CH3N PA8 HIN1 TIM1_CH1 PA9 HIN2 TIM1_CH2 PA10 HIN3 TIM1_CH3 STSPIN32F0601, STSPIN32F0602 Advanced-control timer (TIM1) DS12981 - Rev 5 page 22/32 |