| 전자부품 데이터시트 검색엔진 |
|
LM5145 데이터시트(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM5145 데이터시트(HTML) 33 Page - Texas Instruments |
|
33 / 55 page ![]() If the pole located at ωp1 cancels the zero located at ωESR and the pole at ωp2 is located well above crossover, the expression for the loop gain, Tv(s) in Table 9-3, can be manipulated to yield the simplified expression given in Equation 14. 2 IN v C1 C3 RAMP V T (s) R C V s Z ˜ ˜ ˜ o (14) Essentially, a multi-order system is reduced to a single-order approximation by judicious choice of compensator components. A simple solution for the crossover frequency (denoted as fc in Figure 9-2) with Type-III voltage- mode compensation is derived as shown in Equation 15 and Equation 16. IN c o mid RAMP V 2 f K V Z S Z ˜ ˜ ˜ c (15) c C1 mid o FF FB1 f R 1 K f k R ˜ (16) -40 -20 0 20 40 1 10 100 1000 Frequency (kHz) Gain (dB) fc Loop Gain Filter Gain Modulator Gain Compensator Gain Figure 9-3. Buck Regulator Constituent Gain Components The loop crossover frequency is usually selected between one-tenth to one-fifth of switching frequency. Inserting an appropriate crossover frequency into Equation 16 gives a target for the mid-band gain of the compensator, Kmid. Given an initial value for RFB1, RFB2 is then selected based on the desired output voltage. Values for RC1, RC2, CC1, CC2, and CC3 are calculated from the design expressions listed in Table 9-4, with the premise that the compensator poles and zeros are set as follows: ωz1 = 0.5·ωo, ωz2 = ωo, ωp1 = ωSW/2, and ωp2 = ωESR. Table 9-4. Compensation Component Selection RESISTORS CAPACITORS FB1 FB2 OUT REF R R V V 1 Z ˜ C1 z1 C1 1 C R C1 mid FB1 R K R ˜ Z ˜ C2 p1 C1 1 C R Z ˜ C2 p2 C3 1 R C 1 C3 z2 FB1 C R Z ˜ www.ti.com LM5146 SNVSBV0A – JUNE 2021 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 33 Product Folder Links: LM5146 |