| 전자부품 데이터시트 검색엔진 |
|
M7EASV-S12-R 데이터시트(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M7EASV-S12-R 데이터시트(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: M7EASV M7EASV SPECIFICATIONS ES-7762 Rev.13 Page 5/6 https://www.m-system.co.jp/ TERMINAL ASSIGNMENTS unit: mm [inch] Input shunt resistor (model: REM2) attached for current input 4 6 8 7 10 11 3 5 9 1 2 INPUT RESISTOR (model: REM2) SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Base Socket U(+) V(–) POWER 10 11 4 Digital Computation Circuit + – * INPUT 1 Low Drift Amplifier R 2 *Input shunt resistor attached for current input. 6 9 3 7 8 5 LOAD Inductive Load (Coil) Varistor or Spark Quenching Circuit • DC Powered LOAD Inductive Load (Coil) Diode, Varistor or CR Circuit ■ Relay Protection • AC Powered L2 OUTPUT L1 OUTPUT N.C. N.O. COM N.C. N.O. COM ■ OUTPUT CODE 5: SPDT Relay Base Socket U(+) V(–) POWER 10 11 4 Digital Computation Circuit + – * INPUT 1 Low Drift Amplifier R 2 *Input shunt resistor attached for current input. 6 9 3 7 8 5 L4 OUTPUT L1 OUTPUT COM L3 OUTPUT L2 OUTPUT COM ■ OUTPUT CODE 2: N.O. Relay ■OUTPUT CODE 3: N.C. Relay 6 9 3 7 8 5 L4 OUTPUT L1 OUTPUT COM L3 OUTPUT L2 OUTPUT COM Digital Computation CONTROL SW Digital Computation CONTROL SW CONFIGURATOR JACK CONFIGURATOR JACK Ry Ry Ry Ry Ry Ry U |