| 전자부품 데이터시트 검색엔진 |
|
LSMT2-321G1-R 데이터시트(PDF) 9 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT2-321G1-R 데이터시트(HTML) 9 Page - M-System Co.,Ltd. |
|
9 / 10 page ![]() ES-1954 Rev.6 MODEL LSMT2-4 3-PHASE / 4-WIRE CONNECTION MODEL & SUFFIX CODE SELECTION ORDERING INFORMATION Specify code number and variables (e.g. LSMT2- 4150A1-M). Use Ordering Information Sheet (No. ESU-1954-4). The unit is configured at the factory according to the user's specifications, however, measuring items can be freely selected and assigned to up to 10 output chan- nels via the front panel control switches. The measuring items are listed below: A = Line current V = Line voltage W = Watt, active power var = var, reactive power PF = Power factor Hz = Frequency RATING RANGE 0 – 100W -100 – +100W 110V / 1A 0 – 150W -150 – +150W √30 – 166.6W -166.6 – +166.6W 0 – 200W -200 – +200W 0 – 500W -500 – +500W 110V / 5A 0 – 750W -750 – +750W √30 – 833W -833 – +833W 0 – 1000W -1000 – +1000W 0 – 200W -200 – +200W 220V / 1A 0 – 300W -200 – +200W √30 – 333.3W -333.3 – +333.3W 0 – 400W -400 – +400W 0 – 1000W -1000 – +1000W 220V / 5A 0 – 1500W -1500 – +1500W √30 – 1666W -1666 – +1666W 0 – 2000W -2000 – +2000W 0 – 350W -350 – +350W 380V / 1A 0 – 525W -525 – +525W √30 – 583W -583 – +583W 0 – 700W -700 – +700W 0 – 1750W -1750 – +1750W 380V / 5A 0 – 2625W -2625 – +2625W √30 – 2917W -2917 – +2917W 0 – 3500W -3500 – +3500W •Active power Input range and ± can be changed via the front panel. INPUT RANGE •Voltage RATING PHASE VOLTAGE LINE VOLTAGE 110V 0 – 150V 0 – 150V √3 √3 220V 0 – 300V 0 – 300V √3 √3 380V 0 – 450V 0 – 450V √3 √3 RATING RANGE 1A 0 – 1A 5A 0 – 5A LSMT2–4❑❑0❑❑–❑ MODEL CONFIGURATION 4 : 3-phase / 4-wire VOLTAGE INPUT 0 :None 1 : 110V / 110V AC √3 2 : 220V / 220V AC √3 4 : 380V / 380V AC √3 CURRENT INPUT 0 :None 1 :1A AC 5 :5A AC ZERO-PHASE VOLTAGE INPUT (V0) 0 :None DC OUTPUT Current A :4 – 20mA DC G :0 – 1mA DC PULSE / NETWORK OUTPUT 1 :Watthours M :Modbus AUXILIARY POWER SUPPLY AC Power DC Power M : 85 – 264V AC R : 24V DC V : 48V DC P :110V DC Voltage 4 :0 – 10V DC 5 :0 – 5V DC 6 :1 – 5V DC •Current P. 9 / 10 |