| 전자부품 데이터시트 검색엔진 |
|
LPF-17P.M3W-G/Q 데이터시트(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LPF-17P.M3W-G/Q 데이터시트(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: LPF http://www.m-system.co.jp/ LPF SPECIFICATIONS ES-1979 Rev.13 Page 3/3 CONNECTION DIAGRAM ■ 3-PHASE/4-WIRE LOAD 1 N 2 3 SOURCE P0 V P2 U v u FUSE VT V v P3 U u 15 16 13 1 2 9 10 U(+) V(–) + – 11 12 OUTPUT ■ 3-PHASE/3-WIRE LOAD 1 2 3 SOURCE P3 U P2 V u v FUSE VT k l CT L K 1L 1S 15 16 1 2 9 10 U(+) V(–) + – 11 12 OUTPUT k l CT L K 1L 1S *The transducer can be powered from the input voltage when the voltage is sufficiently stable and meets other supply voltage requirements. AUXILIARY POWER * AUXILIARY POWER * EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 112 (4.41) [3.3 (.13)] DIN RAIL 35mm wide 8 (.31) M3.5 SCREW (Only on the used terminals) 75 (2.95) TERMINAL COVER 2–5.8 (.23) dia. or 2–4.8 (.18) dia. MTG HOLE 8 (.31) deep •When mounting, no extra space is needed between units. 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 MOUNTING REQUIREMENTS unit: mm (inch) 2–M5 60 (2.36) ■ M5 SCREWS 2–M4 60 (2.36) ■ M4 SCREWS Specifications are subject to change without notice. |