전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28F410 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M28F410
상세설명  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F410 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M28F410 Datasheet HTML 2Page - STMicroelectronics M28F410 Datasheet HTML 3Page - STMicroelectronics M28F410 Datasheet HTML 4Page - STMicroelectronics M28F410 Datasheet HTML 5Page - STMicroelectronics M28F410 Datasheet HTML 6Page - STMicroelectronics M28F410 Datasheet HTML 7Page - STMicroelectronics M28F410 Datasheet HTML 8Page - STMicroelectronics M28F410 Datasheet HTML 9Page - STMicroelectronics M28F410 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SRAM Interface Levels
EPROM Interface Levels
Input Rise and Fall Times
≤ 10ns
≤ 10ns
Input Pulse Voltages
0 to 3V
0.45V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
Table 8. AC Measurement Conditions
AI01275
3V
SRAM Interface
0V
1.5V
2.4V
EPROM Interface
0.45V
2.0V
0.8V
Figure 3. AC Testing Input Output Waveform
AI01276
1.3V
OUT
CL = 30pF or 100pF
CL = 30pF for SRAM Interface
CL = 100pF for EPROM Interface
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Figure 4. AC Testing Load Circuit
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6
pF
COUT
Output Capacitance
VOUT =0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 9. Capacitance (1) (TA =25
°C, f = 1 MHz )
DEVICE OPERATION
Signal Descriptions
A0-A17 Address Inputs. The address signals,
inputs for the memory array, are latched during a
write operation.
A9 Address Input is also used for the Electronic
Signature Operation. When A9 is raised to 12V the
Electronic Signature may be read. The A0 signal is
used to read two words or bytes, when A0 is Low
the Manufacturer code is read and when A0 is High
the Device code. When BYTE is Low DQ0-DQ7
output the codes and DQ8-DQ15 are don’t care,
when BYTE is High DQ0-DQ7 output the codes
and DQ8-DQ15 output 00h.
DQ0-DQ7 Data Input/Outputs. The data inputs, a
byte or the lower byte of a word to be programmed
or a command to the C.I., are latched when both
Chip Enable E and Write Enable W are active. The
data output from the memory Array, the Electronic
Signature or Status Register is valid when Chip
Enable E and Output Enable G are active. The
output is high impedance when the chip is dese-
lected or the outputs are disabled.
DQ8-DQ14 and DQ15A-1 Data Input/Outputs.
These input/outputs are used in the word-wide
organization. When BYTE is High for the most
significant byte of the input or output, functioning
as described for DQ0-DQ7 above. When BYTE is
Low, DQ8-DQ14 are high impedance, DQ15A-1 is
the Address A-1 input.
6/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38