| 전자부품 데이터시트 검색엔진 |
|
M74HC266M1R 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC266M1R 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() M74HC266 2/8 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE Z : High Impedance ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 °C; derate to 300mW by 10mW/°C from 65°C to 85°C RECOMMENDED OPERATING CONDITIONS PIN No SYMBOL NAME AND FUNCTION 1, 5, 8, 12 1A to 4A Data Inputs 2, 6, 9, 13 1B to 4B Data Inputs 3, 4, 10, 11 1Y to 4Y Data Outputs 7 GND Ground (0V) 14 VCC Positive Supply Voltage ABY LL Z LHL HL L HH Z Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500(*) mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage 2 to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C tr, tf Input Rise and Fall Time VCC = 2.0V 0 to 1000 ns VCC = 4.5V 0 to 500 ns VCC = 6.0V 0 to 400 ns |