| 전자부품 데이터시트 검색엔진 |
|
MD7TC-FF2 데이터시트(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7TC-FF2 데이터시트(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: MD7TC MD7TC SPECIFICATIONS ES-8053 Rev.9 Page 5/6 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY Grounding Grounding SHIELD TERMINAL MODEL NO. SCHEMATIC CIRCUITRY APPLICATIONS 5 – + – + 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding Grounding • Line to SHLD: Floating • Earth to SHLD: Floating • MD7TC-FFx • Standard type • To protect a device having isolation between Signal and Earth. • When SHLD should be floating against the earth. (single-end grounding) • Line to SHLD: Floating • Earth to SHLD: Grounding • MD7TC-FGx • To protect a device having isolation between Signal and Earth. • When SHLD should be grounded. (single- or both- end grounding) • Line to SHLD: Grounding • Earth to SHLD: Floating • MD7TC-GFx • To protect a device having isolation between Signal and Earth. • When SHLD wire should be connected to SG terminal of the protected device. (SHLD is not grounded to the earth.) • Line to SHLD: Grounding • Earth to SHLD: Grounding Sections enclosed with broken line may differ depending upon the models. • MD7TC-GGx • To protect a device which does not have a good dielectric strength between Signal and Earth. 5 – + – + 2 6 3 7 8 DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL 5 – + – + 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL 5 – + – + 2 6 3 7 8 DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL |