| 전자부품 데이터시트 검색엔진 |
|
AD698AP 데이터시트(PDF) 23 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AD698AP 데이터시트(HTML) 23 Page - List of Unclassifed Manufacturers |
|
23 / 31 page ![]() 359 Order Toll Free 1-800-543-4330, FAX 1-800-765-6960 359 Order Toll Free 1-800-543-4330 Fax 1-800-765-6960 NET 30 Terms Semiconductors/ Components section 16 Fig. Order # µF (1-4) (5-9) (10-24) 100 Volts A 31-700 .001 $0.25 $0.21 $0.18 A 31-710 .0015 0.25 0.21 0.18 A 31-720 .0022 0.25 0.21 0.18 A 31-730 .0033 0.32 0.28 0.24 A 31-740 .0047 0.39 0.35 0.30 A 31-8705 .0056 0.45 0.44 0.42 A 31-750 .0068 0.25 0.21 0.18 A 31-8710 .0082 0.53 0.52 0.49 A 31-760 .01 0.42 0.41 0.39 A 31-770 .015 0.53 0.52 0.49 A 31-790 .022 0.42 0.41 0.39 A 31-800 .027 0.56 0.55 0.53 A 31-810 .033 0.42 0.41 0.39 A 31-820 .047 0.53 0.52 0.49 A 31-830 .056 0.56 0.55 0.53 A 31-840 .068 0.42 0.41 0.39 A 31-8715 .082 0.77 0.75 0.72 A 31-850 .1 0.53 0.52 0.49 A 31-860 .15 0.46 0.45 0.43 A 31-870 .22 0.63 0.62 0.59 A 31-880 .33 0.65 0.64 0.61 A 31-890 .47 1.05 1.03 0.98 A 31-8720 .56 1.33 1.31 1.24 A 31-8725 .68 1.54 1.51 1.43 A 31-8730 .82 2.10 2.06 1.96 A 31-8735 1 3.08 3.02 2.87 A 31-8740 1.5 3.43 3.37 3.19 A 31-8745 2.2 4.48 4.40 4.17 A 31-8750 2.7 5.46 5.36 5.09 A 31-8755 3.3 6.58 6.46 6.13 A 31-8760 4.7 7.88 7.72 7.34 250 Volts B 31-8765 .01 0.88 0.85 0.81 B 31-8770 .015 0.95 0.93 0.89 Fig. Order # µF (1-4) (5-9) (10-24) 250 Volts B 31-8775 .022 $0.95 $0.93 $0.89 B 31-8780 .027 1.05 1.03 0.98 B 31-8785 .033 1.05 1.03 0.98 B 31-8790 .047 1.05 1.03 0.98 B 31-8795 .056 1.05 1.03 0.98 B 31-8800 .068 1.05 1.03 0.98 B 31-8805 .082 1.05 1.03 0.98 B 31-8810 .1 1.05 1.03 0.98 B 31-8815 .15 1.09 1.06 1.01 B 31-8820 .22 1.16 1.13 1.08 B 31-8825 .33 1.26 1.24 1.17 B 31-8830 .47 0.46 0.44 0.42 B 31-8835 .56 1.58 1.54 1.47 B 31-8840 .68 2.07 2.03 1.93 B 31-8845 .82 2.70 2.65 2.51 B 31-0550 1 0.88 0.85 0.81 B 31-8850 1.5 5.50 5.39 5.12 B 31-8855 2.2 6.44 6.31 6.00 B 31-8860 2.7 6.93 6.80 6.46 B 31-8865 3.3 8.65 8.48 8.05 400 Volts B 31-8870 .01 1.05 1.03 0.98 B 31-8875 .015 1.09 1.06 1.01 B 31-8880 .022 1.16 1.13 1.08 B 31-8885 .027 1.26 1.24 1.17 B 31-8890 .033 1.26 1.24 1.17 B 31-8895 .047 1.33 1.31 1.24 B 31-8900 .056 1.33 1.31 1.24 B 31-8905 .068 1.37 1.34 1.28 B 31-8910 .082 1.37 1.34 1.28 B 31-8915 .1 1.47 1.44 1.37 B 31-8920 .15 1.54 1.51 1.43 B 31-8925 .22 1.58 1.54 1.47 Fig. Order # µF (1-4) (5-9) (10-24) 400 Volts B 31-8930 .33 $1.93 $1.88 $1.79 B 31-8935 .47 2.28 2.24 2.12 B 31-8940 .56 2.70 2.65 2.51 B 31-8945 .68 3.08 3.02 2.87 B 31-8950 .82 4.03 3.94 3.75 B 31-8955 1 5.32 5.22 4.95 B 31-8960 1.5 6.55 6.42 6.10 B 31-8965 2.2 7.70 7.55 7.18 630 Volts B 31-8970 .001 0.70 0.67 0.63 B 31-8975 .0015 0.70 0.67 0.63 B 31-8980 .0022 0.70 0.67 0.63 B 31-8985 .0033 0.88 0.85 0.81 B 31-8990 .0047 0.88 0.85 0.81 B 31-8995 .0056 0.88 0.85 0.81 B 31-9000 .0068 0.95 0.93 0.89 B 31-9005 .0082 1.05 1.03 0.98 B 31-9010 .01 1.16 1.13 1.08 B 31-9015 .015 1.23 1.21 1.14 B 31-9020 .022 1.26 1.24 1.17 B 31-9025 .027 1.40 1.37 1.31 B 31-9030 .033 1.40 1.37 1.31 B 31-9035 .047 1.47 1.44 1.37 B 31-9040 .056 1.47 1.40 1.33 B 31-9045 .068 1.58 1.54 1.47 B 31-9050 .082 1.58 1.54 1.47 B 31-9055 .1 1.65 1.62 1.53 B 31-9060 .15 1.82 1.78 1.70 B 31-9065 .22 2.00 1.96 1.86 B 31-9070 .33 2.28 2.24 2.12 B 31-9075 .47 2.80 2.75 2.61 B 31-9080 .56 3.33 3.27 3.10 B 31-9085 .68 3.85 3.78 3.58 B 31-9090 .82 5.78 5.66 5.39 B 31-9095 1 6.79 6.66 6.32 A B Radial Metalized Polyester Film Capacitors (Mylar) •Tolerance: ±10% Axial Polyester Film Capacitors (Mylar) •Ideal for use in crossover networks, filtering DC blocking, coupling, general communications equipment (telephones), AC circuits, charging/discharging applications, lighting and ceiling fans/controls •10% tolerance •Sorry-no mixing of values for quantity pricing Order # µF (1-4) (5-9) (10-24) 100 Volts 31-9655 0.001 $2.60 $2.36 $2.11 31-9660 0.0022 2.60 2.36 2.11 31-9665 0.0033 2.60 2.36 2.11 31-9670 0.0047 2.60 2.36 2.11 31-9675 0.01 2.60 2.36 2.11 31-9680 0.022 2.60 2.36 2.11 31-9685 0.033 2.70 2.45 2.19 31-9690 0.047 2.70 2.45 2.19 31-9695 0.068 2.70 2.45 2.19 31-9700 0.082 2.70 2.45 2.19 31-9705 0.1 2.83 2.58 2.30 31-9710 0.15 2.83 2.58 2.30 31-9715 0.22 2.83 2.58 2.30 31-9720 0.33 3.30 3.00 2.68 31-9725 0.39 3.50 3.18 2.84 31-9730 0.47 3.50 3.18 2.84 31-9735 0.68 3.50 3.18 2.84 31-9740 1 4.17 3.79 3.38 31-9745 1.5 4.53 4.12 3.68 31-9750 2.2 4.63 4.21 3.76 31-9755 2.7 4.80 4.36 3.89 31-9760 3.3 5.90 5.36 4.78 31-9765 3.9 6.13 5.58 4.97 31-9770 4.7 6.53 5.94 5.30 31-9775 5.6 7.10 6.45 5.76 31-9780 6.8 7.87 7.15 6.38 31-9785 8 9.83 8.94 7.97 31-9790 10 11.83 10.76 9.59 31-9795 12 14.00 12.73 11.35 31-9800 16 17.83 16.21 14.46 31-9805 20 23.27 21.15 18.86 150 Volt 31-1700 1 4.99 4.77 4.33 250 Volt 31-9810 0.01 2.93 2.67 2.38 31-9815 0.022 2.93 2.67 2.38 31-9820 0.033 2.93 2.67 2.38 31-9825 0.047 2.93 2.67 2.38 31-9830 0.068 2.93 2.67 2.38 31-9835 0.082 2.93 2.67 2.38 Order # µF (1-4) (5-9) (10-24) 250 Volts 31-9840 0.1 $3.07 $2.79 $2.49 31-9845 0.15 3.07 2.79 2.49 31-9850 0.22 3.17 2.88 2.57 31-9855 0.33 3.17 2.88 2.57 31-9860 0.39 3.17 2.88 2.57 31-9865 0.47 3.17 2.88 2.57 31-0280 0.5 3.99 3.64 3.24 31-9870 0.68 3.17 2.88 2.57 31-0285 1 2.49 2.33 2.12 31-0290 1.5 1.99 1.83 1.67 31-0295 2.2 4.19 3.79 3.38 31-0300 2.7 6.00 5.45 4.86 31-0305 3 6.00 5.45 4.86 31-1710 3.3 4.69 4.24 3.78 31-9875 3.9 9.87 8.97 8.00 31-0310 4 6.19 5.61 5.00 31-1715 4.7 10.50 9.55 8.51 31-0320 5.6 11.95 10.91 9.73 31-1720 6.8 13.25 12.06 10.76 31-0325 8 8.69 7.88 7.03 31-0330 10 3.59 3.24 2.89 31-0335 12 9.19 8.33 7.43 31-0340 16 9.47 8.61 7.68 400 Volts 31-9880 0.01 3.17 2.88 2.57 31-9885 0.022 3.17 2.88 2.57 31-9890 0.033 3.17 2.88 2.57 31-9895 0.047 3.17 2.88 2.57 31-9900 0.068 3.17 2.88 2.57 31-9905 0.082 3.30 3.00 2.68 31-9910 0.1 3.30 3.00 2.68 31-9915 0.15 3.50 3.18 2.84 31-9920 0.22 3.50 3.18 2.84 31-9925 0.33 3.67 3.33 2.97 31-9930 0.39 3.83 3.48 3.11 31-9935 0.47 4.27 3.88 3.46 31-9940 0.68 4.50 4.09 3.65 31-9945 1 4.93 4.48 4.00 31-9950 1.5 6.17 5.61 5.00 31-9955 2.2 7.17 6.52 5.81 Order # µF (1-4) (5-9) (10-24) 400 Volts 31-9960 2.7 $8.60 $7.82 $6.97 31-9965 3.3 9.93 9.03 8.05 31-9970 3.9 12.27 11.15 9.95 31-9975 4.7 13.27 12.06 10.76 600 Volts 31-9980 0.001 3.17 2.88 2.57 31-9985 0.0022 3.17 2.88 2.57 31-9990 0.0033 3.17 2.88 2.57 31-9995 0.0047 3.17 2.88 2.57 31-10000 0.01 3.83 3.48 3.11 31-10005 0.022 3.83 3.48 3.11 31-10010 0.033 3.83 3.48 3.11 31-0585 0.047 0.69 0.60 0.55 31-10015 0.068 4.27 3.88 3.46 31-10020 0.082 4.27 3.88 3.46 31-0580 0.1 1.09 1.00 0.91 31-10025 0.15 4.27 3.88 3.46 31-10030 0.22 4.27 3.88 3.46 31-10035 0.33 4.90 4.45 3.97 31-10040 0.39 4.97 4.52 4.03 31-10045 0.47 6.00 5.45 4.86 31-10050 0.68 7.60 6.91 6.16 31-10055 1 9.90 9.00 8.03 American Electrician’s Handbook (14th Edition) Revised in compliance with the current National Electrical Code®, American National Standards and Underwriters Laboratory. 1632 pages, hard cover. Order # (ea.) 81-2897 $89.95 C52_pg_359 8/17/07 4:29 PM Page 359 |