| 전자부품 데이터시트 검색엔진 |
|
LTC014YEB 데이터시트(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
LTC014YEB 데이터시트(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 46 page ![]() MVH-X360BT/XINEW5 36 12 3 4 12 3 4 C D F A B E 11. PCB CONNECTION DIAGRAM 11.1 TUNER AMP UNIT A A TUNER AMP UNIT Capacitor Connector P.C.Board Chip Part SIDE B SIDE A NOTE FOR PCB DIAGRAMS 1.The parts mounted on this PCB include all necessary parts for several destination. For further information for respective destinations, be sure to check with the schematic dia- gram. 2.Viewpoint of PCB diagrams IC551 R252 R255 4 3 2 1 5 JA251 C251 C252 VA891 C255 VA892 C256 C259 C260 C261 R891 R892 R893 JA891 1 5 JA892 C891 C892 C893 C894 R304 1 L551 C301 C303 C305 C307 C312 C317 C318 C319 C320 R552 R553 R554 R555 C328 C331 C332 C333 C334 C551 C552 C553 C555 C556 C557 C558 C562 C563 C564 C565 C570 5 1 15 0 1 IC301 1 Q251 1 Q252 D551 D552 6 2 6 4 3 10 20 30 40 50 60 70 80 X 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 Y P 251 (A,6,130) Fuse 3.0 A CEK1386 > PREOUT W.REM &MIC B CN1931 C CN23 1 2 3 |