| 전자부품 데이터시트 검색엔진 |
|
MD7PL-PFG2/Q 데이터시트(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7PL-PFG2/Q 데이터시트(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 6 page ![]() MODEL: MD7PL MD7PL SPECIFICATIONS ES-8062 Rev.7 Page 2/6 http://www.m-system.co.jp/ PERFORMANCE MODEL NO. MD7PL-PFF MD7PL-PFG MD7PL-NFF MD7PL-NFG Max. continuous operating voltage (Uc) Line to Line -30V +30V Line to Earth ±160V Line to SHLD ±160V SHLD to Earth ±160V short ±160V short Voltage protection level (Up) Line to Line -50V +50V @6kV (1.2 / 50 µs) Ling to Earth ±800V Line to SHLD ±1200V ±800V ±1200V ±800V SHLD to Earth ±800V short ±800V short Leakage current @Uc Line to Line ≤ 5µA Other sections ≤ 5µA Response time Line to Line ≤ 4 nsec. Other sections ≤ 20 nsec. Max. discharge current (Imax) 20kA (8 / 20 µs), 1.0kA (10 / 350 µs) Nominal current (IN) 100mA Internal series resistance 11Ω ±10% per line Surge protection IEC 61643-21 Categories C1, C2, D1 STANDARDS & APPROVALS EU conformity: ATEX Directive Ex ia EN 60079-11 EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive EN 50581 Safety approval: II 1G, Ex ia IIC; T4 and T5 EN 60079-0 EN 60079-11 CENELEC: Intrinsic safety (ATEX) SAFETY PARAMETERS ■ CENELEC / ATEX IS DATA Ui (Vmax) 32V Ii (Imax) any Ci 10 nF Li 0 µH Pi Temp. Class Range Parameter T4 -25 to +40°C 1.3W -25 to +60°C 1.2W -25 to +80°C 1.0W T5 -25 to +40°C 1.0W |