| 전자부품 데이터시트 검색엔진 |
|
LMS-5WF-S/Q 데이터시트(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LMS-5WF-S/Q 데이터시트(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 4 page ![]() MODEL: LMS LMS SPECIFICATIONS ES-1627 Rev.2 Page 1/4 http://www.m-system.co.jp/ Plug-in Signal Conditioners M-UNIT LIMITER (isolated) Functions & Features • Preventing DC output signals from going above or below preset values • High and low limits independently adjustable over entire range • Monitor jacks provided for setpoint adjustments • Isolation up to 2000 V AC • High-density mounting Typical Applications • Securing the minimum fuel flow in a combustion control loop 50 (1.97) 127 (5) 80 (3.15) mm (inch) MODEL: LMS–[1][2]–[3][4] ORDERING INFORMATION • Code number: LMS-[1][2]-[3][4] Specify a code from below for each of [1] through [4]. (e.g. LMS-6A-B/Q) • Special input and output ranges (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01/S01) [1] INPUT Current A: 4 – 20 mA DC (Input resistance 250 Ω) A1: 4 – 20 mA DC (Input resistance 50 Ω) B: 2 – 10 mA DC (Input resistance 500 Ω) C: 1 – 5 mA DC (Input resistance 1000 Ω) D: 0 – 20 mA DC (Input resistance 50 Ω) E: 0 – 16 mA DC (Input resistance 62.5 Ω) F: 0 – 10 mA DC (Input resistance 100 Ω) G: 0 – 1 mA DC (Input resistance 1000 Ω) H: 10 – 50 mA DC (Input resistance 100 Ω) J: 0 – 10 μA DC (Input resistance 1000 Ω) K: 0 – 100 μA DC (Input resistance 1000 Ω) GW: -1 – +1 mA DC (Input resistance 1000 Ω) FW: -10 – +10 mA DC (Input resistance 100 Ω) Z: Specify current (See INPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Input resistance 10 kΩ min.) 15: 0 – 50 mV DC (Input resistance 10 kΩ min.) 16: 0 – 60 mV DC (Input resistance 10 kΩ min.) 2: 0 – 100 mV DC (Input resistance 100 kΩ min.) 3: 0 – 1 V DC (Input resistance 1 MΩ min.) 4: 0 – 10 V DC (Input resistance 1 MΩ min.) 5: 0 – 5 V DC (Input resistance 1 MΩ min.) 6: 1 – 5 V DC (Input resistance 1 MΩ min.) 4W: -10 – +10 V DC (Input resistance 1 MΩ min.) 5W: -5 – +5 V DC (Input resistance 1 MΩ min.) 0: Specify voltage (See INPUT SPECIFICATIONS) [2] OUTPUT Current A: 4 – 20 mA DC (Load resistance 750 Ω max.) B: 2 – 10 mA DC (Load resistance 1500 Ω max.) C: 1 – 5 mA DC (Load resistance 3000 Ω max.) D: 0 – 20 mA DC (Load resistance 750 Ω max.) E: 0 – 16 mA DC (Load resistance 900 Ω max.) F: 0 – 10 mA DC (Load resistance 1500 Ω max.) G: 0 – 1 mA DC (Load resistance 15 kΩ max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 100 Ω min.) 4: 0 – 10 V DC (Load resistance 1000 Ω min.) 5: 0 – 5 V DC (Load resistance 500 Ω min.) 6: 1 – 5 V DC (Load resistance 500 Ω min.) 4W: -10 – +10 V DC (Load resistance 2000 Ω min.) 5W: -5 – +5 V DC (Load resistance 1000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [3] POWER INPUT AC Power B: 100 V AC C: 110 V AC D: 115 V AC F: 120 V AC G: 200 V AC H: 220 V AC J: 240 V AC DC Power S: 12 V DC R: 24 V DC V: 48 V DC P: 110 V DC |
유사한 부품 번호 - LMS-5WF-S/Q |
|
유사한 설명 - LMS-5WF-S/Q |