전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MEXM1 데이터시트(PDF) 1 Page - M-System Co.,Ltd.

부품명 MEXM1
상세설명  Final Control Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEXM1 데이터시트(HTML) 1 Page - M-System Co.,Ltd.

  MEXM1 Datasheet HTML 1Page - M-System Co.,Ltd. MEXM1 Datasheet HTML 2Page - M-System Co.,Ltd. MEXM1 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MEX-M1
MEX-M1 SPECIFICATIONS
ES-4622 Rev.6 Page 1/3
http://www.m-system.co.jp/
Final Control Elements
VALVE POSITIONER
Functions & Features
• Valve positioner for proportional valve position control in
combination with an electric actuator
• High accuracy positioning by employing reverse-phase
breaks
• Solid state relay output
• Potentiometer feedback
• Timer preventing frequent ON-OFF operations, protecting
the motor from overheating
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: MEX–M1–[1]1–K[2]
ORDERING INFORMATION
• Code number: MEX-M1-[1]1-K[2]
Specify a code from below for each [1] and [2].
(e.g. MEX-M1-61-K/B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] POSITION SETPOINT INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 200 kΩ min.)
POSITION FEEDBACK INPUT
1: Potentiometer
POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
[2] OPTIONS (multiple selections)
Brake Function
blank: Without
/B: Reverse phase brake
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Operation mode: Front-accessed DIP siwthces; direct or
reverse operation; failsafe operation when there is no
position input signal (full-open, full-closed or stop)
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Deadband adj. (control output): 0.25 – 4 % (front)
Restart limiting timer: Approx. 1.5 seconds
Lock protection timer: Power supply to the motor is stopped
when the feedback signal does not enter to deadband for
approx. 2 minutes; reset by power off or by repeating 0 %
and 100 % setpoint input.
Isolation: Input or xmtr output to output or power
Zero adjustment: 0 – 25 % (front)
Span adjustment: 50 – 100 % (front)
INPUT SPECIFICATIONS
■ Setpoint Input
Input resistor: Attached to input terminals (0.5 W)
■ Feedback Potentiometer: 500 Ω –10 kΩ
Span: 47.5 % min. of total resistance, 95 % max.
Excitation: Approx. 4 V DC
OUTPUT SPECIFICATIONS
•Re-transmitted Output: 4 – 20 mA DC
Load resistance: 300 Ω max.
■ Control Output: SSR; 85 – 132 V AC; @ 0.03 – 1 A
continuous, @ 4 A for 1 minute
Leakage current at OFF: ≤ 10 mA


유사한 부품 번호 - MEXM1

제조업체부품명데이터시트상세설명
logo
M-System Co.,Ltd.
MEXM MSYSTEM-MEXM Datasheet
134Kb / 4P
Final Control Elements
MEXM-110-AD4 MSYSTEM-MEXM-110-AD4 Datasheet
134Kb / 4P
Final Control Elements
MEXM-110-AD4/Q MSYSTEM-MEXM-110-AD4/Q Datasheet
134Kb / 4P
Final Control Elements
More results

유사한 설명 - MEXM1

제조업체부품명데이터시트상세설명
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com