전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MEXF 데이터시트(PDF) 5 Page - M-System Co.,Ltd.

부품명 MEXF
상세설명  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEXF 데이터시트(HTML) 5 Page - M-System Co.,Ltd.

  MEXF Datasheet HTML 1Page - M-System Co.,Ltd. MEXF Datasheet HTML 2Page - M-System Co.,Ltd. MEXF Datasheet HTML 3Page - M-System Co.,Ltd. MEXF Datasheet HTML 4Page - M-System Co.,Ltd. MEXF Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: MEX-F
MEX-F SPECIFICATIONS
ES-4623 Rev.7 Page 5/5
http://www.m-system.co.jp/
SIGNAL CHARACTERISTICS & DIRECT/REVERSE ACTIONS
MAX
(100%)
MIN
(0%) 4
(0%)
20
(100%)
RE-TRANSMITTED
OUTPUT
1
2
RE-TRANSMITTED OUTPUT & CONTROL OUTPUT
MAX
(100%)
MIN
(0%) 4
(0%)
20
(100%)
POSITION
SETPOINT INPUT
1
2
POSITION SETPOINT INPUT & CONTROL OUTPUT
SETTING
GRAPH
OPERATION
Reverse
2
When the position setpont signal increases,
Action
the control output goes towared maximum side.
Direct
1
When the position setpoint signal increases,
Action
the control output goes toward minimum side.
The positioner is factory set to "Reverse" control action.
Specify "Operation Mode Selector" type (code 1) when ordering, if changing out-
put action to "Direct".
SETTING
GRAPH
OPERATION
Reverse
2
When the control output goes toward maximum
Action
side, the re-transmitted signal increases.
Direct
1
When the control output goes toward maximum
Action
side, the re-transmitted signal decreases.
The positioner is factory set to "Reverse" control action.
Specify "Operation Mode Selector" type (code 1) when ordering, if changing out-
put action to "Direct".
EXPLANATIONS OF TERMS
• SSR (Solid State Relay)
Composed only of semiconductor parts, SSR is free from arc discharge or chattering which is typical with electromagnetic
relays. It features excellent characteristics against vibration, physical impact or other environmental conditions.
• Zero-Cross Function
SSR with zero-cross function turns on when AC power voltage is near zero, creating delay of switching when input is provided in
the middle of an wave cycle, thus limiting transient switching noise voltage and rush current.
• Photo MOSFET Relay
A kind of semiconductor relay which has advantages of both solid state relay and mechanical relay, thanks to its low ON-
resistance characteristic. It also features high speed ON/OFF operation and low leak current.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com