전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MEX-F-01231-C/B 데이터시트(PDF) 2 Page - M-System Co.,Ltd.

부품명 MEX-F-01231-C/B
상세설명  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-F-01231-C/B 데이터시트(HTML) 2 Page - M-System Co.,Ltd.

  MEX-F-01231-C/B Datasheet HTML 1Page - M-System Co.,Ltd. MEX-F-01231-C/B Datasheet HTML 2Page - M-System Co.,Ltd. MEX-F-01231-C/B Datasheet HTML 3Page - M-System Co.,Ltd. MEX-F-01231-C/B Datasheet HTML 4Page - M-System Co.,Ltd. MEX-F-01231-C/B Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MEX-F
MEX-F SPECIFICATIONS
ES-4623 Rev.7 Page 2/5
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Deadband adjustment: 2 – 20 % (front)
Timer adjustment: 1 – 30 sec. (front); 5 sec. minimum with
breaking function
Isolation: Setpoint input or xmtr output or feedback input to
control output to power (For external SSRs control output,
non-isolated between control output and setpoint input etc.)
Zero adjustment (front)
Potentiometer feedback: 0 – 25 %
Current feedback: -10 – +10 %
Span adjustment (front)
Potentiometer feedback: 75 – 100 %
Current feedback: 90 – 110 %
Operation mode: Front-accessed DIP switches; failsafe
operation (full-open, full-closed or stop) when there is no
position input signal (approx. -12.5 %); direct/reverse re-
transmitted output; direct/reverse control action
Electronic limit: Front-accessed potentiometers provided for
Operation Mode Selector type
• Zero limit: Approx. -10 – +5 %
• Span limit: Approx. 95 – 110 %
Breaking function: Dynamic brake (applicable with 100 to
120 V AC motor only)
LCD meter: Indicating re-transmitted output signal; 0.1 %
increments
INPUT SPECIFICATIONS
■ Setpoint Input
Input resistor: Attached to input terminals (0.5 W)
■ POSITION FEEDBACK INPUT
• Current: 4 – 20 mA DC
Input resistance: 20 Ω
• Feedback Potentiometer: 100 Ω – 10 kΩ
Minimum span: 50 % of total resistance
Excitation: 0.4 V DC
OUTPUT SPECIFICATIONS
■ Re-Transmitted Output: 4 – 20 mA DC
Load resistance: 750 Ω max.
■ Control Output
• SSR: Zero-cross fucntion; 80 – 264 V AC @ 0.1 – 1 A
The built-in SSR cannot drive 200 V AC motor
(direct/reverse).
Leakage current at OFF: Approx. 10 mA @ 240 V
Remark: When driving relays with this control output, relays
may operate erratically due to the leakage current at OFF of
SSR. To avoid the problem, install a resistor (R) in parallel
with the relay coil.
R < [Release Voltage] / ([Leakage Current at OFF] –
[Release Current])
Output Operation: Refer to the figure at the end of this
section.
■ Constant Current
Rating: 10 V DC, 10 mA ±10 % at ON;
0 mA at OFF
Output Operation: Refer to the figure at the end of this
section.
• 24 V AC Dry Contact
Drive: Photo MOSFET relay
Rating: 27 V AC/DC @ 1 A
Leakage current at OFF: 1 mA @ 30 V AC
Output Operation: Refer to the figure at the end of this
section
(2-3)ON to min.
(1-3)ON to max.
Deviation
(Setpoint) – (Feedback)
+
0
Deadband
• Output Operation (terminal No. in parentheses)
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
•DC: Operational voltage range: 24 V ±10 %, approx. 120
mA (ripple 10 %p-p max.)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Position conversion accuracy: ±0.5 %
Re-transmitted output accuracy: ≤ 3 % excluding offset and
deadband
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (setpoint input or
xmtr output or feedback input to control output to power to
ground)
(For external SSRs control output, non-isolated between
control output and setpoint input etc.)



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com