전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS56F 데이터시트(PDF) 3 Page - Rectron Semiconductor

부품명 SS56F
상세설명  Surface Mount Schottky Barrier Rectifier Reverse Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SS56F 데이터시트(HTML) 3 Page - Rectron Semiconductor

  SS56F Datasheet HTML 1Page - Rectron Semiconductor SS56F Datasheet HTML 2Page - Rectron Semiconductor SS56F Datasheet HTML 3Page - Rectron Semiconductor SS56F Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
35
43
09
1
86
2
P
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
V
A
M
UNIT
mm
1.
0.23
3.7
2.7
4.9
.
0.18
3.3
2.4
4.4
7
max
min
mil
max
min
9.1
7.1
146
130
106
94
193
173
AC
D
E
HE
1.6
1.3
63
51
e
Bottom View
HE
g
Top View
1.3
1.0
51
39
g
g
D
A
E
The recommended mounting pad size
Unit
mm(mil)
2. (
)
1.6(63)
1.6(63)
Marking
Type number
Marking code
SS52F
SS54F
SS56F
SS52
SS58F
SS510F
SS512F
SS515F
SS520F
SS54
SS56
SS58
SS510
SS512
SS515
SS520



Html Pages

1 2 3 4