전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF4 데이터시트(PDF) 1 Page - Pepperl+Fuchs Inc.

부품명 BF4
상세설명  Mounting flange
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PF [Pepperl+Fuchs Inc.]
홈페이지  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

BF4 데이터시트(HTML) 1 Page - Pepperl+Fuchs Inc.

  BF4 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mounting flange
BF 4
< Retainer for all cylindrical sensors with M4 thread
< Simple installation and exact setting
Mounting flange, 4 mm
Dimensions
2.5
2.5
15
7
10
Technical Data
General specifications
Inside diameter
4 mm
Ambient conditions
Ambient temperature
-25 ... 85 °C (-13 ... 185 °F)
Mechanical specifications
Material
PBT
Tightening torque, fastening screws
max. 0.5 Nm
Dimensions
15 mm x 18 mm x 10 mm
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


유사한 부품 번호 - BF4

제조업체부품명데이터시트상세설명
logo
Hirose Electric
BF4-RX-14DS-0.5V HIROSE-BF4-RX-14DS-0.5V Datasheet
547Kb / 8P
Active Optical Connector
BF4-T2 HIROSE-BF4-T2 Datasheet
547Kb / 8P
Active Optical Connector
BF4-TX-14DS-0.5V HIROSE-BF4-TX-14DS-0.5V Datasheet
547Kb / 8P
Active Optical Connector
logo
Pepperl+Fuchs Inc.
BF40 PF-BF40 Datasheet
599Kb / 1P
Mounting flange
logo
LOVATO Electric S.p.A.
BF4000A230 LOVATO-BF4000A230 Datasheet
197Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 40A, AC COIL 50/60HZ, 230VAC
More results

유사한 설명 - BF4

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
M85049-95-3A-A GLENAIR-M85049-95-3A-A Datasheet
190Kb / 1P
Mounting Flange
M85049-96-03-A GLENAIR-M85049-96-03-A Datasheet
60Kb / 1P
Mounting Flange
logo
Pepperl+Fuchs Inc.
BF5 PF-BF5 Datasheet
524Kb / 1P
Mounting flange
BF5-30 PF-BF5-30 Datasheet
292Kb / 3P
Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
Mounting flange
BF12-F PF-BF12-F Datasheet
579Kb / 2P
Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
Mounting flange
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
Mounting flange
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com