| 전자부품 데이터시트 검색엔진 |
|
47LV-3A0R-R 데이터시트(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LV-3A0R-R 데이터시트(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 8 page ![]() MODEL: 47LV 47LV SPECIFICATIONS ES-9502 Rev.14 Page 3/8 https://www.m-system.co.jp/ Rated load: 250 V AC @ 3 A (cos ø = 1) 30 V DC @ 3 A (resistive load) Maximum switching voltage: 250 V AC, 30 V DC Maximum switching power: 750 VA, 90 W (resistive load) Minimum load: 5 V DC @ 10 mA Mechanical life: ≥ 5 × 106 cycles (rate 180 cycles/min.) INSTALLATION Power consumption •AC: Approx. 6.5VA •DC: Approx. 3 W Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Panel flush mounting Weight: 300 g (0.66 lb) PERFORMANCE Accuracy Display: ±0.1 % ± 1 digit ± 0.2 % ± 1 digit for ± 10 mV range Output: ±0.1 % (DC output = display + output) Temp. coefficient: ± 0.015 %/°C (± 0.008 %/°F) ±0.03 %/°C (±0.02%/°F) for ±10 mV range Input resolution: Max. 16 bits Output resolution: Max. 14 bits Response time: ≤ 0.5 sec. (alarm output: 0 – 100 % at 90 % setpoint) ≤ 0.5 sec. (DC output: 0 – 90 %) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (input to DC output to HH output or H output to L output or LL output to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (alarm output) Installation Category II (power) Pollution degree 2 Input or DC output to alarm output to power: Reinforced insulation (300 V) Input to DC output: Basic insulation (300 V) RoHS Directive Protection against access to the terminal blocks: Finger protection (VDE 0660-514) |