전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3MBF 데이터시트(PDF) 4 Page - Rectron Semiconductor

부품명 S3MBF
상세설명  STANDARD SURFACE MOUNTED RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

S3MBF 데이터시트(HTML) 4 Page - Rectron Semiconductor

  S3MBF Datasheet HTML 1Page - Rectron Semiconductor S3MBF Datasheet HTML 2Page - Rectron Semiconductor S3MBF Datasheet HTML 3Page - Rectron Semiconductor S3MBF Datasheet HTML 4Page - Rectron Semiconductor S3MBF Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Package Information
A0
B0
K0
D0
3.80
4.0
5.75
4.0
1.40
2.0
1.55
0.25
1.75
12
E
F
5.50
P0
P1
P2
T
W
0.1
Tolerance
Package Specifications
Package
Reel Size
Q'TY/Reel
Box Size
11'
3
285
6
QTY/Box
Carton Size
355*310*310
Reel DIA.
278
(mm)
(Kpcs)
Q'TY/Carton
48
(mm)
(mm)
(Kpcs)
(Kpcs)
SMBF
13'
5
338
10
365*365*360
330
80
Code
Package
-T
-W



Html Pages

1 2 3 4 5