| 전자부품 데이터시트 검색엔진 |
|
48NAVA-2RH3A-R 데이터시트(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48NAVA-2RH3A-R 데이터시트(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 9 page ![]() MODEL: 48NAVA 48NAVA SPECIFICATIONS ES-9442 Rev.11 Page 7/9 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 75 (2.95) 103 (4.06) 10 (.39) 18 (.71) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 16–M3 SCREW TERMINALS Rounded corners for the option /D 2–M3 SCREWS 36 (1.42) ■ OPTION /D BEZEL* 3 *1. Space required when replacing the scale plate. *2. Used for the existing panel cutout of M-System 48 Series (38 × 139.5 mm). *3. Used for the existing DIN panel cutout (33 × 138 mm) *4. Used for the existing panel cutout of Fuji Electric PAJ, PAK, PBA (44 × 138 mm), etc. ■ STANDARD BEZEL* 2 10.4 (.41) 7.5 (.30) 3.9 (.15) 31 (1.22) 11.4 (.45) 7.5 (.30) 4.9 (.19) 8.5 (.33) 10.4 (.41) 7.5 (.30) ■ OPTION /F BEZEL* 4 |