전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NAND01GR3B2BN1 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 NAND01GR3B2BN1
상세설명  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3B2BN1 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button NAND01GR3B2BN1 Datasheet HTML 35Page - STMicroelectronics NAND01GR3B2BN1 Datasheet HTML 36Page - STMicroelectronics NAND01GR3B2BN1 Datasheet HTML 37Page - STMicroelectronics NAND01GR3B2BN1 Datasheet HTML 38Page - STMicroelectronics NAND01GR3B2BN1 Datasheet HTML 39Page - STMicroelectronics NAND01GR3B2BN1 Datasheet HTML 40Page - STMicroelectronics NAND01GR3B2BN1 Datasheet HTML 41Page - STMicroelectronics NAND01GR3B2BN1 Datasheet HTML 42Page - STMicroelectronics NAND01GR3B2BN1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
NAND01G-B, NAND02G-B
Data protection
39/64
Figure 18.
Block Protection State Diagram
1.
PRL must be High for the software commands to be accepted.
AI08663c
Locked
Locked-Down
Unlocked in
Locked Area
Power-Up
Block Unlock
Command
Blocks Lock-Down
Command
WP VIL >100ns
Blocks Lock
Command
WP VIL >100ns
(start + end block address)
Unlocked in
Locked-Down
Area
Blocks Lock-Down
Command
WP VIL >100ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64