전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3564 데이터시트(PDF) 90 Page - Microchip Technology

부품명 MCP3564
상세설명  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 데이터시트(HTML) 90 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 86Page - Microchip Technology MCP3564 Datasheet HTML 87Page - Microchip Technology MCP3564 Datasheet HTML 88Page - Microchip Technology MCP3564 Datasheet HTML 89Page - Microchip Technology MCP3564 Datasheet HTML 90Page - Microchip Technology MCP3564 Datasheet HTML 91Page - Microchip Technology MCP3564 Datasheet HTML 92Page - Microchip Technology MCP3564 Datasheet HTML 93Page - Microchip Technology MCP3564 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
MCP3561/2/4
DS20006181C-page 90
 2019-2021 Microchip Technology Inc.
8.9
TIMER Register
Name
Bits
Address
Cof
TIMER
24
0x8
R/W
REGISTER 8-9:
TIMER: TIMER DELAY VALUE REGISTER
R/W-0
TIMER[23:0]
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bit 23-0
TIMER[23:0]: Selection Bits for the Time Interval (TTIMER_SCAN) Between Two Consecutive Scan Cycles
(when CONV_MODE[1:0] = 11):
0xFFFFFF: TTIMER_SCAN = 16777215 * DMCLK periods
0xFFFFFE: TTIMER_SCAN = 16777214 * DMCLK periods
•
•
•
0x000002: TTIMER_SCAN = 2 * DMCLK periods
0x000001: TTIMER_SCAN = 1 * DMCLK periods
0x000000: TTIMER_SCAN = 0 (No delay) – default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More