| 전자부품 데이터시트 검색엔진 |
|
P4FMAF 데이터시트(PDF) 4 Page - Rectron Semiconductor |
|
|
|||||||||||||||||||||||||||||
P4FMAF 데이터시트(HTML) 4 Page - Rectron Semiconductor |
|
4 / 9 page ![]() RECTRON TRANSIENT VOLTAGE SUPPRESSORS 400W SERIES TVS DIODES / SMAF ( CASE 2 ) 400W TYPE Breakdown Voltage VBR (Volts) MIN. MAX. @IT (mA) Reverse Stand off Voltage VWM (Volts) Maximum Reverse Leakage at VWM ID(uA) Maximum Peak Pulse Current IPPM (Amps) Maximum Clamping Voltage at IPPM VC (Volts) 53.2 6.127.48 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 1000 37 10.8 10.5 38.1 1000 5.80 7.14 6.45 6.75 8.25 6.05 500 34.2 11.7 7.13 7.88 6.40 500 35.4 11.3 7.38 9.02 6.63 200 32 12.5 7.79 8.61 7.02 200 33.1 12.1 8.19 10.0 7.37 50 29 13.8 8.65 9.55 7.78 50 29.9 13.4 9.00 11.0 8.10 10 26.7 15.0 9.50 10.5 8.55 10 27.6 14.5 9.90 12.1 8.92 5.0 24.7 16.2 10.5 11.6 9.40 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 25.6 15.6 10.8 13.2 9.72 23.1 17.3 11.4 12.6 10.2 24 16.7 11.7 14.3 10.5 21.1 19.0 12.4 13.7 11.1 22 18.2 13.5 16.3 12.1 18.2 22.0 14.3 15.8 12.8 18.9 21.2 14.4 17.6 12.9 17 23.5 15.2 16.8 13.6 17.8 22.5 16.2 19.8 14.5 15.1 26.5 17.1 18.9 15.3 15.9 25.2 18.0 22.0 16.2 13.7 29.1 19.0 21.0 17.1 14.4 27.7 19.8 24.2 17.8 12.5 31.9 20.9 23.1 18.8 13.1 30.6 21.6 26.4 19.4 11.5 34.7 22.8 25.2 20.5 12 33.2 24.3 29.7 21.8 10.2 39.1 25.7 28.4 23.1 10.7 37.5 27.0 33.0 24.3 9.2 43.5 28.5 31.5 25.6 9.7 41.4 29.7 36.3 26.8 8.4 47.7 31.4 34.7 28.2 8.8 45.7 32.4 39.6 29.1 7.7 52.0 34.2 37.8 30.8 8 49.9 35.1 42.9 31.6 7.1 56.4 37.1 41.0 33.3 7.4 38.7 47.3 34.8 6.5 40.9 45.2 36.8 6.7 42.3 51.7 38.1 5.9 44.7 49.4 40.2 6.2 45.9 56.1 41.3 5.4 48.5 53.6 43.6 5.7 50.4 61.6 45.4 47.8 5.0 58.8 5.2 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 P4FMAF6.8 P4FMAF6.8A P4FMAF7.5 P4FMAF7.5A P4FMAF8.2 P4FMAF8.2A P4FMAF9.1 P4FMAF9.1A P4FMAF10 P4FMAF10A P4FMAF11 P4FMAF11A P4FMAF12 P4FMAF12A P4FMAF13 P4FMAF13A P4FMAF15 P4FMAF15A P4FMAF16 P4FMAF16A P4FMAF18 P4FMAF18A P4FMAF20 P4FMAF20A P4FMAF22 P4FMAF22A P4FMAF24 P4FMAF24A P4FMAF27 P4FMAF27A P4FMAF30 P4FMAF30A P4FMAF33 P4FMAF33A P4FMAF36 P4FMAF36A P4FMAF39 P4FMAF39A P4FMAF43 P4FMAF43A P4FMAF47 P4FMAF47A P4FMAF51 P4FMAF51A P4FMAF56 P4FMAF56A |