| 전자부품 데이터시트 검색엔진 |
|
MCP48FVB14 데이터시트(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP48FVB14 데이터시트(HTML) 79 Page - Microchip Technology |
|
79 / 112 page ![]() 2020 Microchip Technology Inc. DS20006362A-page 79 MCP48FXBX4/8 7.6 Error Condition The Command Error (CMDERR) bit indicates if the five Address bits received (AD4:AD0) and the two Com- mand bits received (C1:C0) are a valid combination (see Figures 7-1 and 7-2). The CMDERR bit is high if the combination is valid and low if the combination is invalid. The Command Error bit will also be low if a write to a nonvolatile address has been specified and another SPI command occurs before the CS pin is driven inactive (VIH). SPI commands that do not have a multiple of eight clocks are ignored. Once an error condition has occurred, any following commands are ignored. All following SDO bits will be low until the CMDERR condition is cleared by forcing the CS pin to the Inactive state (VIH). 7.6.1 ABORTING A TRANSMISSION All SPI transmissions must have the correct number of SCK pulses to be executed. The command is not executed until the complete number of clocks is received. Some commands also require the CS pin to be forced inactive (VIH). If the CS pin is forced to the Inactive state (VIH), the serial interface is reset. Partial commands are not executed. SPI is more susceptible to noise than other bus protocols. The most likely case is that noise corrupts the value of the data being clocked into the MCP48FXBX4/8 or the SCK pin is injected with extra clock pulses. This may cause data to be corrupted in the device, or a Command Error to occur, since the address and command bits were not a valid combina- tion. The extra SCK pulse will also cause the SPI data (SDI) and clock (SCK) to be out of sync. Forcing the CS pin to the Inactive state (VIH) resets the serial inter- face. The SPI interface will ignore activity on the SDI and SCK pins until the CS pin transition to the Active state is detected (VIH to VIL or VIH to VIHH). 7.7 WRITE Command (Normal and High Voltage) WRITE commands are used to transfer data to the desired memory location (from the host controller). The WRITE command can be issued to both the volatile and nonvolatile memory locations. WRITE commands can be structured as either single or continuous. The format of the command is shown in Figure 7-3 (single) and Figure 7-6 (continuous). A WRITE command to a volatile memory location changes that location after a properly formatted WRITE command has been received. A WRITE command to a nonvolatile memory location starts an EEPROM write cycle only after a properly for- matted WRITE command has been received and the CS pin transitions to the Inactive state (VIH). 7.7.1 SINGLE WRITE TO VOLATILE MEMORY The write operation requires that the CS pin be in the Active state (VIL). Typically, the CS pin will be in the Inactive state (VIH) and it is driven to the Active state (VIL). The 24-bit WRITE command (command byte and data bytes) is then clocked in on the SCK and SDI pins. Once all 24 bits have been received, the specified volatile address is updated. A write will not occur if the WRITE command is not exactly 24 clock pulses. This protects against system issues corrupting the nonvolatile memory locations. Figures 7-4 and 7-5 show the waveforms for a single write (depending on the SPI mode). Note 1: When the MCP48FXBX4/8 devices do not receive data, it is recommended that the CS pin be forced to the Inactive Level (VIL). 2: It is also recommended that long continu- ous command strings be broken down into single commands or shorter continu- ous command strings. This reduces the probability of noise on the SCK pin corrupting the desired SPI commands. Note 1: Writes to certain memory locations depend on the state of the WiperLock™ technology status bits. 2: During device communication, if an unimplemented address is specified, then the MCP48FXBX4/8 will generate a Command Error state. To reset the SPI state machine, the CS pin must transition to the Inactive state (VIH). |