| 전자부품 데이터시트 검색엔진 |
|
MCP4432-502E/ML 데이터시트(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4432-502E/ML 데이터시트(HTML) 75 Page - Microchip Technology |
|
75 / 94 page ![]() 2010 Microchip Technology Inc. DS22267A-page 75 MCP443X/5X 10.0 PACKAGING INFORMATION 10.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 14-Lead TSSOP XXXXXXXX YYWW NNN Example 4452502E 1035 256 XXXXX 20-Lead QFN (4x4) XXXXXX YYWWNNN Example XXXXXX 4451 502EML 256 ^^ 3 e 20-Lead TSSOP XXXXXXXX XXXXX NNN Example 1035 YYWW 4451502 EST 256 1035 ^^ 3 e |