| 전자부품 데이터시트 검색엔진 |
|
ACE24AC256EDPTH 데이터시트(PDF) 9 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE24AC256EDPTH 데이터시트(HTML) 9 Page - ACE Technology Co., LTD. |
|
9 / 17 page ![]() ACE24AC256E Two-wire Serial EEPROM VER 1.1 9 Electrical Specifications A. Power-Up Requirements During a power-up sequence, the VCC supplied to the device should monotonically rise from GND to the minimum VCC level, with a slew rate no faster than 0.05 V/μs and no slower then 0.1 V/ms. A decoupling cap should be connected to the VCC PAD which is no smaller than 10nF. B. Device Reset To prevent inadvertent write operations or any other spurious events from occurring during a power- up sequence, this device includes a Power-on Reset (POR) circuit. Upon power-up, the device will not respond to any commands until the VCC level crosses the internal voltage threshold (VPOR) that brings the device out of Reset and into Standby mode. The system designer must ensure the instructions are not sent to the device until the VCC supply has reached a stable value greater than or equal to the minimum VCC level. Figure 9: Power on and Power down If an event occurs in the system where the VCC level supplied to the device drops below the maximum VPOR level specified, it is recommended that a full power cycle sequence be performed by first driving the VCC pin to GND, waiting at least the minimum tPOFF time and then performing a new power-up sequence in compliance with the requirements defined in this section. |