전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE25AA128GMMTH 데이터시트(PDF) 7 Page - ACE Technology Co., LTD.

부품명 ACE25AA128GMMTH
상세설명  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GMMTH 데이터시트(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GMMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
7
Data Protection
The ACE25AA128G provides the following data protection methods:
Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL
bit will return to reset by the following situation:
Power-Up
Write Disable (WRDI)
Write Status Register (WRSR)
Page Program (PP)
Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
Software Protection Mode:
The Block Protect (BP4, BP3, BP2, BP1,BP0) bits define the section of the memory array that can be
read but not change
Hardware Protection Mode:
WP# going low to protected the BP0~BP4 bits and SRP bit
Deep Power-Down Mode:
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the
Release from Deep Power-Down Mode command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71