전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE25AA320GFMLTH 데이터시트(PDF) 25 Page - ACE Technology Co., LTD.

부품명 ACE25AA320GFMLTH
상세설명  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH 데이터시트(HTML) 25 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMLTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
25
Quad I/O Fast Read with “Continuous Read Mode”
The Quad I/O Fast Read command can further reduce command overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read
Mode” bits (M5- 4) =(1, 0), then the next Quad I/O Fast Read command (after CS# is raised and then
lowered) does not re- quire the EBH command code. The command sequence is shown in Figure 11a. If
the “Continuous Read Mode” (M5- 4) do not equal (1, 0), the next command requires the first EBH
command code, thus returning to normal operation. A “Continuous Read Mode” Reset command can be
used to reset (M5- 4) before issuing normal command.
Figure11.Quad I/O Fast Read Sequence Diagram (M5-
4≠(1, 0))
Figure11a.Quad I/O Fast Read Sequence Diagram (M5-4=(1, 0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67