전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R30BS08/Q 데이터시트(PDF) 2 Page - M-System Co.,Ltd.

부품명 R30BS08/Q
상세설명  Remote I/O R30 Series INSTALLATION BASE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30BS08/Q 데이터시트(HTML) 2 Page - M-System Co.,Ltd.

  R30BS08/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30BS08/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30BS08/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30BS08/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30BS08/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R30BS
R30BS SPECIFICATIONS
ES-9008 Rev.5 Page 2/5
https://www.m-system.co.jp/
EXTERNAL VIEW
Mount the power supply module and network module on the dedicated slots (PWR and COM), and do not mount on I/O slots.
PWR slot is on the left end and COM slot is on the immediate right of PWR slot. The I/O slots are numbered in the ascending
order starting from the one on the immediate right of the network module (slot 1, slot 2...).
For model: TR30 or DL30, mount it on the PWR and COM slot.
PWR
COM
I/O1
I/O n
EXTERNAL DIMENSIONS unit: mm [inch]
■R30BS00
2–4.5 [.28] dia. MTG HOLE
3 [.12] deep
4 [.16]
110 [4.33]
50 [1.97]
50 [1.97]
DIN RAIL
35mm wide
24 [.94]
(5 [.20])



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com