| 전자부품 데이터시트 검색엔진 |
|
OQT400-R201-2EP-IO 데이터시트(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OQT400-R201-2EP-IO 데이터시트(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 5 page ![]() Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com 1 Measuring sensor with multiple switch points OQT400-R201-2EP-IO Dimensions Electrical connection Indicators/operating means 6 29.9 5.8 7 7 41.7 L1 L ø 4.3 4 Cable/clamping sleeve BN L+ L- BK WH BU C/Q Q2 Q1B Switching output 1/switch point B Q1A Switching output 1/switch point A Q2A Switching output 2/switch point A Q2B Switching output 2/switch point B 0 Keylock 1 Mode rotary switch 2 Teach-in button 3 Switching output display Q2 4 Switching output display Q1 5 Operating indicator 1 2 3 4 5 0 YE YE GN Model Number OQT400-R201-2EP-IO Triangulation sensor (SbR) with fixed cable Features • Medium design with versatile mounting options • Multi Pixel Technology (MPT) - flexibility and adaptability • Reduction of device variety - several switch points within one sensor • Reliable detection of all surfaces, independent of color and structure • Low sensitivity to target color • IO-link interface for service and process data Product information The optical sensors in the series are the first devices to offer an end-to-end solution in a medium-sized standard design—from the thru-beam sensor through to the measuring distance sensor. As a result of this design, the sensors are able to perform practically all standard automation tasks. The entire series enables sensors to communicate via IO-Link. The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor. Multi Pixel Technology (MPT) ensures that the standard sensors are flexible and can be adapted to the application environment. |
유사한 부품 번호 - OQT400-R201-2EP-IO |
|
유사한 설명 - OQT400-R201-2EP-IO |