전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6477T-E/MS 데이터시트(PDF) 23 Page - Microchip Technology

부품명 MCP6477T-E/MS
상세설명  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6477T-E/MS 데이터시트(HTML) 23 Page - Microchip Technology

Back Button MCP6477T-E/MS Datasheet HTML 19Page - Microchip Technology MCP6477T-E/MS Datasheet HTML 20Page - Microchip Technology MCP6477T-E/MS Datasheet HTML 21Page - Microchip Technology MCP6477T-E/MS Datasheet HTML 22Page - Microchip Technology MCP6477T-E/MS Datasheet HTML 23Page - Microchip Technology MCP6477T-E/MS Datasheet HTML 24Page - Microchip Technology MCP6477T-E/MS Datasheet HTML 25Page - Microchip Technology MCP6477T-E/MS Datasheet HTML 26Page - Microchip Technology MCP6477T-E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 23
MCP6476/6R/6U/7/9
0.15 C
0.15 C
0.10
C A B
C
SEATING
PLANE
1
3
4
2X
TOP VIEW
SIDE VIEW
Microchip Technology Drawing C04-061-LT Rev E Sheet 1 of 2
2X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
5-Lead Plastic Small Outline Transistor (LT) [SC70]
D
E
E1
e
e
5X b
0.30 C
5X TIPS
END VIEW
B
A
N
A
A1
A2
L
c
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46