| 전자부품 데이터시트 검색엔진 |
|
EDSTRG28PLCCCX 데이터시트(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
EDSTRG28PLCCCX 데이터시트(HTML) 70 Page - Texas Instruments |
|
70 / 78 page ![]() MECHANICAL DATA 4–4 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 FN 28-, 44-, and 68-pin plastic leaded chip carrier (PLCC) FN (S-PQCC-J**) PLASTIC J-LEADED CHIP CARRIER 4040005 / B 03/95 20 PIN SHOWN 0.026 (0,66) 0.032 (0,81) D2 / E2 0.020 (0,51) MIN 0.180 (4,57) MAX 0.120 (3,05) 0.090 (2,29) D2 / E2 0.013 (0,33) 0.021 (0,53) Seating Plane MAX D2 / E2 0.219 (5,56) 0.169 (4,29) 0.319 (8,10) 0.469 (11,91) 0.569 (14,45) 0.369 (9,37) MAX 0.356 (9,04) 0.456 (11,58) 0.656 (16,66) 0.008 (0,20) NOM 1.158 (29,41) 0.958 (24,33) 0.756 (19,20) 0.191 (4,85) 0.141 (3,58) MIN 0.441 (11,20) 0.541 (13,74) 0.291 (7,39) 0.341 (8,66) 18 19 14 13 D D1 1 3 9 E1 E 4 8 MIN MAX MIN PINS ** 20 28 44 0.385 (9,78) 0.485 (12,32) 0.685 (17,40) 52 68 84 1.185 (30,10) 0.985 (25,02) 0.785 (19,94) D/E 0.395 (10,03) 0.495 (12,57) 1.195 (30,35) 0.995 (25,27) 0.695 (17,65) 0.795 (20,19) NO. OF D1 / E1 0.350 (8,89) 0.450 (11,43) 1.150 (29,21) 0.950 (24,13) 0.650 (16,51) 0.750 (19,05) 0.004 (0,10) M 0.007 (0,18) 0.050 (1,27) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Falls within JEDEC MS-018 |