전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM6548 데이터시트(PDF) 72 Page - Texas Instruments

부품명 AM6548
상세설명  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM6548 데이터시트(HTML) 72 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 68Page - Texas Instruments AM6548_V02 Datasheet HTML 69Page - Texas Instruments AM6548_V02 Datasheet HTML 70Page - Texas Instruments AM6548_V02 Datasheet HTML 71Page - Texas Instruments AM6548_V02 Datasheet HTML 72Page - Texas Instruments AM6548_V02 Datasheet HTML 73Page - Texas Instruments AM6548_V02 Datasheet HTML 74Page - Texas Instruments AM6548_V02 Datasheet HTML 75Page - Texas Instruments AM6548_V02 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 282 page
background image
Table 6-24. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
GPIO0_14
General Purpose Input/Output
IO
P24
GPIO0_15
General Purpose Input/Output
IO
R27
GPIO0_16
General Purpose Input/Output
IO
R28
GPIO0_17
General Purpose Input/Output
IO
P25
GPIO0_18
General Purpose Input/Output
IO
P26
GPIO0_19
General Purpose Input/Output
IO
U28
GPIO0_20
General Purpose Input/Output
IO
T28
GPIO0_21
General Purpose Input/Output
IO
P23
GPIO0_22
General Purpose Input/Output
IO
R26
GPIO0_23
General Purpose Input/Output
IO
R23
GPIO0_24
General Purpose Input/Output
IO
T25
GPIO0_25
General Purpose Input/Output
IO
T24
GPIO0_26
General Purpose Input/Output
IO
R24
GPIO0_27
General Purpose Input/Output
IO
T23
GPIO0_28
General Purpose Input/Output
IO
R25
GPIO0_29
General Purpose Input/Output
IO
T27
GPIO0_30
General Purpose Input/Output
IO
AF18
GPIO0_31
General Purpose Input/Output
IO
AE18
GPIO0_32
General Purpose Input/Output
IO
AH17
GPIO0_33
General Purpose Input/Output
IO
AG18
GPIO0_34
General Purpose Input/Output
IO
AG17
GPIO0_35
General Purpose Input/Output
IO
AF17
GPIO0_36
General Purpose Input/Output
IO
AE17
GPIO0_37
General Purpose Input/Output
IO
AC19
GPIO0_38
General Purpose Input/Output
IO
AH16
GPIO0_39
General Purpose Input/Output
IO
AG16
GPIO0_40
General Purpose Input/Output
IO
AF16
GPIO0_41
General Purpose Input/Output
IO
AE16
GPIO0_42
General Purpose Input/Output
IO
AD16
GPIO0_43
General Purpose Input/Output
IO
AH15
GPIO0_44
General Purpose Input/Output
IO
AC16
GPIO0_45
General Purpose Input/Output
IO
AD17
GPIO0_46
General Purpose Input/Output
IO
AH14
GPIO0_47
General Purpose Input/Output
IO
AG14
GPIO0_48
General Purpose Input/Output
IO
AG15
GPIO0_49
General Purpose Input/Output
IO
AC17
GPIO0_50
General Purpose Input/Output
IO
AE15
GPIO0_51
General Purpose Input/Output
IO
AD15
GPIO0_52
General Purpose Input/Output
IO
AF14
GPIO0_53
General Purpose Input/Output
IO
AC15
GPIO0_54
General Purpose Input/Output
IO
AD14
GPIO0_55
General Purpose Input/Output
IO
AE14
GPIO0_56
General Purpose Input/Output
IO
AE22
GPIO0_57
General Purpose Input/Output
IO
AG24
GPIO0_58
General Purpose Input/Output
IO
AF23
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More