| 전자부품 데이터시트 검색엔진 |
|
TMS320F28027DAS 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F28027DAS 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 135 page ![]() 8.5.5 Current Consumption Graphs (VREG Enabled) Operational Current vs Frequency 0 10 20 30 40 50 60 70 80 90 100 10 15 20 25 30 35 40 45 50 55 60 SYSCLKOUT (MHz) IDDIO (m A) IDDA Figure 8-1. Typical Operational Current Versus Frequency (F2802x/F280200) Operational Pow er vs Frequency 200 250 300 350 400 450 10 15 20 25 30 35 40 45 50 55 60 SYSCLKOUT (MHz) Figure 8-2. Typical Operational Power Versus Frequency (F2802x/F280200) 8.6 Electrical Characteristics over recommended operating conditions (unless otherwise noted)(1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOH High-level output voltage IOH = IOH MAX 2.4 V IOH = 50 μA VDDIO – 0.2 VOL Low-level output voltage IOL = IOL MAX 0.4 V IIL Input current (low level) Pin with pullup enabled VDDIO = 3.3 V, VIN = 0 V All GPIO –80 –140 –205 μA XRS pin –225 –290 –360 Pin with pulldown enabled VDDIO = 3.3 V, VIN = 0 V ±2 www.ti.com TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026 TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023 TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200 SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1 TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023- Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |