| 전자부품 데이터시트 검색엔진 |
|
R3-DAC16W/Q 데이터시트(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-DAC16W/Q 데이터시트(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: R3-DAC16 R3-DAC16 SPECIFICATIONS ES-8459 Rev.7 Page 4/7 https://www.m-system.co.jp/ ■ ON/OFF CONTROL OUTPUT MODE • Data Length: 8 bits Do 1 through 8 are assigned to Ch1 through 8. Do WRITE ONE-SHOT OUTPUT/RESET Di OUTPUT COMPLETION STATUS Do 1 Do 2 0 0 Not Operating 1 0 Ch1 Output Di 9 Ch1 Output Completion Status 0 1 Ch2 Output Di 10 Ch2 Output Completion Status 1 1 Output Data Reset Do 3 Do 4 0 0 Not Operating 1 0 Ch3 Output Di 11 Ch3 Output Completion Status 0 1 Ch4 Output Di 12 Ch4 Output Completion Status 1 1 Output Data Reset Do 5 Do 6 0 0 Not Operating 1 0 Ch5 Output Di 13 Ch5 Output Completion Status 0 1 Ch6 Output Di 14 Ch6 Output Completion Status 1 1 Output Data Reset Do 7 Do 8 0 0 Not Operating 1 0 Ch7 Output Di 15 Ch7 Output Completion Status 0 1 Ch8 Output Di 16 Ch8 Output Completion Status 1 1 Output Data Reset The above table shows the case of Not Swapped (SW2-8: OFF). ON/OFF control output is swapped with its pair when SW2-8 is ON. The following is an example of Do 1 and Do 2. Do WRITE ONE-SHOT OUTPUT/RESET Di OUTPUT COMPLETION STATUS Do 1 Do 2 0 0 Not Operating 1 0 Ch2 Output Di 10 Ch2 Output Completion Status 0 1 Ch1 Output Di 9 Ch1 Output Completion Status 1 1 Output Data Reset • Data Length: 4 bits Do 1 through 4 are assigned to Ch1 through 8 as 1:2. Do WRITE ONE-SHOT OUTPUT/RESET Di OUTPUT COMPLETION STATUS Do 1 0 Ch1 Output Di 9 Ch1 Output Completion Status 1 Ch2 Output Di 10 Ch2 Output Completion Status Do 2 0 Ch3 Output Di 11 Ch3 Output Completion Status 1 Ch4 Output Di 12 Ch4 Output Completion Status Do 3 0 Ch5 Output Di 13 Ch5 Output Completion Status 1 Ch6 Output Di 14 Ch6 Output Completion Status Do 4 0 Ch7 Output Di 15 Ch7 Output Completion Status 1 Ch8 Output Di 16 Ch8 Output Completion Status The above table shows the case of Not Swapped (SW2-8: OFF). ON/OFF control output is swapped with its pair when SW2-8 is ON. The following is an example of Do 1. Do WRITE ONE-SHOT OUTPUT/RESET Di OUTPUT COMPLETION STATUS Do 1 0 Ch2 Output Di 10 Ch2 Output Completion Status 1 Ch1 Output Di 9 Ch1 Output Completion Status |