전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OBG5000-R100-E5F-IO-V31 데이터시트(PDF) 5 Page - Pepperl+Fuchs Inc.

부품명 OBG5000-R100-E5F-IO-V31
상세설명  Retroreflective sensor (glass)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PF [Pepperl+Fuchs Inc.]
홈페이지  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBG5000-R100-E5F-IO-V31 데이터시트(HTML) 5 Page - Pepperl+Fuchs Inc.

  OBG5000-R100-E5F-IO-V31 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Characteristic Curve
X
Offset Y [mm]
Distance X [m]
Characteristic response curve
0
1
2
3
4
5
6
7
H85-2
C110-2
FE-RR1
VR10
OFR-100/100
150
100
50
0
-50
-100
-150
X
Reflector type:
Stability control > 2
Stability control < 2
Stability control
Distance X [m]
Relative received light strength in switch position "N"
H85-2
C110-2
FE-RR1
100
10
1
2
0
1
2
3
4
5
6
7
6.4 m
6.8 m
4.8 m
VR10
2.8 m
0 m
0 m
0 m
0 m
OFR-100/100
2.2 m
0 m
1.7 m
2.3 m
4.0 m
5.6 m
5.6 m
H85-2
C110-2
FE-RR1
VR10
OFR-100/100
Accessories
V31-WM-2M-PUR
Female cordset single-ended, M8, 4-pin, PUR cable
V31-GM-2M-PUR
Female cordset single-ended, M8, 4-pin, PUR cable
REF-H85-2
Reflector, rectangular 84.5 mm x 84.5 mm, mounting holes
REF-H50
Reflector, rectangular 51 mm x 61 mm, mounting holes, fixing strap
REF-H33
Reflector with screw fixing
Retroreflective sensor (glass)
OBG5000-R100-E5F-IO-V31
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com