전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OBR1500-R3F-E0-L 데이터시트(PDF) 1 Page - Pepperl+Fuchs Inc.

부품명 OBR1500-R3F-E0-L
상세설명  Laser retroreflective sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PF [Pepperl+Fuchs Inc.]
홈페이지  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR1500-R3F-E0-L 데이터시트(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBR1500-R3F-E0-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR1500-R3F-E0-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR1500-R3F-E0-L Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Laser retroreflective sensor
OBR1500-R3F-E0-L
Dimensions
Electrical connection
Receiver
Emitter
12
16
10
BN
L+
L-
BK
BU
Q
Model Number
OBR1500-R3F-E0-L
Laser retroreflective sensor
with 2 m fixed cable
Features
• Very flat design for direct mounting
without mounting bracket
• DuraBeam Laser Sensors - durable
and employable like an LED
• Glare protected with polarization filter
• Very bright, highly visible light spot


유사한 부품 번호 - OBR1500-R3F-E0-L

제조업체부품명데이터시트상세설명
logo
Pepperl+Fuchs Inc.
OBR1500-R3F-E2-L PF-OBR1500-R3F-E2-L Datasheet
505Kb / 3P
Laser retroreflective sensor
More results

유사한 설명 - OBR1500-R3F-E0-L

제조업체부품명데이터시트상세설명
logo
Pepperl+Fuchs Inc.
OBR25M-R201-2EP-IO-L PF-OBR25M-R201-2EP-IO-L Datasheet
556Kb / 4P
Laser retroreflective sensor
OBR12M-R100-2EP-IO-L PF-OBR12M-R100-2EP-IO-L Datasheet
569Kb / 4P
Laser retroreflective sensor
OBR12M-R101-2EP1-IO-V31-L PF-OBR12M-R101-2EP1-IO-V31-L Datasheet
1Mb / 7P
Laser retroreflective sensor
OBR12M-R101-2EP-IO-L PF-OBR12M-R101-2EP-IO-L Datasheet
607Kb / 4P
Laser retroreflective sensor
OBR25M-R201-EP-IO-V3-L PF-OBR25M-R201-EP-IO-V3-L Datasheet
590Kb / 4P
Laser retroreflective sensor
OBR25M-R200-2EP-IO-V1-L PF-OBR25M-R200-2EP-IO-V1-L Datasheet
580Kb / 4P
Laser retroreflective sensor
OBR25M-R200-2EP-IO-V15-L PF-OBR25M-R200-2EP-IO-V15-L Datasheet
600Kb / 4P
Laser retroreflective sensor
OBR1500-R2F-E0-L PF-OBR1500-R2F-E0-L Datasheet
504Kb / 3P
Laser retroreflective sensor
OBR1500-R2F-E2-L PF-OBR1500-R2F-E2-L Datasheet
504Kb / 3P
Laser retroreflective sensor
OBR2000-R3-E1-L PF-OBR2000-R3-E1-L Datasheet
471Kb / 3P
Laser retroreflective sensor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com