전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS5036APFC 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TAS5036APFC
상세설명  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TAS5036APFC 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TAS5036APFC Datasheet HTML 7Page - Texas Instruments TAS5036APFC Datasheet HTML 8Page - Texas Instruments TAS5036APFC Datasheet HTML 9Page - Texas Instruments TAS5036APFC Datasheet HTML 10Page - Texas Instruments TAS5036APFC Datasheet HTML 11Page - Texas Instruments TAS5036APFC Datasheet HTML 12Page - Texas Instruments TAS5036APFC Datasheet HTML 13Page - Texas Instruments TAS5036APFC Datasheet HTML 14Page - Texas Instruments TAS5036APFC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Introduction
5
SLES061B—November 2002—Revised January 2004
TAS5036A
TERMINAL
FUNCTION†
DESCRIPTION
NAME
NO.
FUNCTION†
DESCRIPTION
PLL_FLT_RET
6
O
PLL external filter (internally connected to AVSS_PLL)
PWM_AM_1
74
O
PWM 1 output (differential -); {positive H-bridge side}
PWM_AM_2
69
O
PWM 2 output (differential -); {positive H-bridge side}
PWM_AM_3
64
O
PWM 3 output (differential -); {positive H-bridge side}
PWM_AM_4
54
O
PWM 4 output (differential -); {positive H-bridge side}
PWM_AM_5
49
O
PWM 5 output (differential -); {positive H-bridge side}
PWM_AM_6
44
O
PWM 6 output (differential -); {positive H-bridge side}
PWM_AP_1
75
O
PWM 1 output (differential +); {positive H-bridge side}
PWM_AP_2
70
O
PWM 2 output (differential +); {positive H-bridge side}
PWM_AP_3
65
O
PWM 3 output (differential +); {positive H-bridge side}
PWM_AP_4
55
O
PWM 4 output (differential +); {positive H-bridge side}
PWM_AP_5
50
O
PWM 5 output (differential +); {positive H-bridge side}
PWM_AP_6
45
O
PWM 6 output (differential +); {positive H-bridge side}
PWM_BM_1
72
O
PWM 1 output (differential -); {negative H-bridge side}
PWM_BM_2
67
O
PWM 2 output (differential -); {negative H-bridge side}
PWM_BM_3
62
O
PWM 3 output (differential -); {negative H-bridge side}
PWM_BM_4
52
O
PWM 4 output (differential -); {negative H-bridge side}
PWM_BM_5
47
O
PWM 5 output (differential -); {negative H-bridge side}
PWM_BM_6
42
O
PWM 6 output (differential -); {negative H-bridge side}
PWM_BP_1
71
O
PWM 1 output (differential +); {negative H-bridge side}
PWM_BP_2
66
O
PWM 2 output (differential +); {negative H-bridge side}
PWM_BP_3
61
O
PWM 3 output (differential +); {negative H-bridge side}
PWM_BP_4
51
O
PWM 4 output (differential +); {negative H-bridge side}
PWM_BP_5
46
O
PWM 5 output (differential +); {negative H-bridge side}
PWM_BP_6
41
O
PWM 6 output (differential +); {negative H-bridge side}
RESET
12
I
System reset input, active low
SCL
17
I
I2C serial control clock input
SCLK
30
I/O
Serial audio data clock (shift clock)
SDA
16
I/O
I2C serial control data input/ output
SDIN1
26
I
Serial audio data 1 input
SDIN2
27
I
Serial audio data 2 input
SDIN3
28
I
Serial audio data 3 input
VALID_1
73
O
Output indicating validity of PWM outputs, channel 1, active high
VALID_2
68
O
Output indicating validity of PWM outputs, channel 2, active high
VALID_3
63
O
Output indicating validity of PWM outputs, channel 3, active high
VALID_4
53
O
Output indicating validity of PWM outputs, channel 4, active high
VALID_5
48
O
Output indicating validity of PWM outputs, channel 5, active high
VALID_6
43
O
Output indicating validity of PWM outputs, channel 6, active high
VREGA_CAP
9
P
Voltage regulator capacitor
VREGB_CAP
60
P
Voltage regulator capacitor
VREGC_CAP
34
P
Voltage regulator capacitor
XTL_IN
79
I
Crystal or TTL level clock input
XTL_OUT
78
O
Crystal output (not for external usage)
† I = input; O = output; I/O = input/output; P = power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com