전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5601PEF0MLL4R 데이터시트(PDF) 18 Page - NXP Semiconductors

부품명 MPC5601PEF0MLL4R
상세설명  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5601PEF0MLL4R 데이터시트(HTML) 18 Page - NXP Semiconductors

Back Button MPC5601PEF0MLL4R Datasheet HTML 14Page - NXP Semiconductors MPC5601PEF0MLL4R Datasheet HTML 15Page - NXP Semiconductors MPC5601PEF0MLL4R Datasheet HTML 16Page - NXP Semiconductors MPC5601PEF0MLL4R Datasheet HTML 17Page - NXP Semiconductors MPC5601PEF0MLL4R Datasheet HTML 18Page - NXP Semiconductors MPC5601PEF0MLL4R Datasheet HTML 19Page - NXP Semiconductors MPC5601PEF0MLL4R Datasheet HTML 20Page - NXP Semiconductors MPC5601PEF0MLL4R Datasheet HTML 21Page - NXP Semiconductors MPC5601PEF0MLL4R Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
18
•
Trigger generation unit configurable in sequential mode or in triggered mode
•
Each trigger can be appropriately delayed to compensate the delay of external low pass filter
•
Double buffered global trigger unit allowing eTimer synchronization and/or ADC command generation
•
Double buffered ADC command list pointers to minimize ADC-trigger unit update
•
Double buffered ADC conversion command list with up to 24 ADC commands
•
Each trigger capable of generating consecutive commands
•
ADC conversion command allows to control ADC channel, single or synchronous sampling, independent result queue
selection
1.5.28
Nexus Development Interface (NDI)
The NDI (Nexus Development Interface) block is compliant with Nexus Class 1 of the IEEE-ISTO 5001-2003 standard. This
development support is supplied for MCUs without requiring external address and data pins for internal visibility. The NDI
block is an integration of several individual Nexus blocks that are selected to provide the development support interface for this
device. The NDI block interfaces to the host processor and internal busses to provide development support as per the
IEEE-ISTO 5001-2003 Nexus Class 1 standard. The development support provided includes access to the MCU’s internal
memory map and access to the processor’s internal registers.
The NDI provides the following features:
•
Configured via the IEEE 1149.1
•
All Nexus port pins operate at VDDIO (no dedicated power supply)
•
Nexus Class 1 supports Static debug
1.5.29
Cyclic redundancy check (CRC)
The CRC computing unit is dedicated to the computation of CRC off-loading the CPU. The CRC module features:
•
Support for CRC-16-CCITT (x25 protocol):
— x16 + x12 + x5 + 1
•
Support for CRC-32 (Ethernet protocol):
— x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1
•
Zero wait states for each write/read operations to the CRC_CFG and CRC_INP registers at the maximum frequency
1.5.30
IEEE 1149.1 JTAG controller
The JTAG controller (JTAGC) block provides the means to test chip functionality and connectivity while remaining transparent
to system logic when not in test mode. All data input to and output from the JTAGC block is communicated in serial format.
The JTAGC block is compliant with the IEEE standard.
The JTAG controller provides the following features:
•
IEEE test access port (TAP) interface 4 pins (TDI, TMS, TCK, TDO)
•
Selectable modes of operation include JTAGC/debug or normal system operation.
•
5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
—BYPASS
— IDCODE
—EXTEST
—SAMPLE
— SAMPLE/PRELOAD
•
5-bit instruction register that supports the additional following public instructions:
— ACCESS_AUX_TAP_NPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com