전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5602PEF0MLL4R 데이터시트(PDF) 32 Page - NXP Semiconductors

부품명 MPC5602PEF0MLL4R
상세설명  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602PEF0MLL4R 데이터시트(HTML) 32 Page - NXP Semiconductors

Back Button MPC5602PEF0MLL4R Datasheet HTML 28Page - NXP Semiconductors MPC5602PEF0MLL4R Datasheet HTML 29Page - NXP Semiconductors MPC5602PEF0MLL4R Datasheet HTML 30Page - NXP Semiconductors MPC5602PEF0MLL4R Datasheet HTML 31Page - NXP Semiconductors MPC5602PEF0MLL4R Datasheet HTML 32Page - NXP Semiconductors MPC5602PEF0MLL4R Datasheet HTML 33Page - NXP Semiconductors MPC5602PEF0MLL4R Datasheet HTML 34Page - NXP Semiconductors MPC5602PEF0MLL4R Datasheet HTML 35Page - NXP Semiconductors MPC5602PEF0MLL4R Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
32
2 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIU module.
PCR.PA = 00
 ALT0; PCR.PA = 01  ALT1; PCR.PA = 10  ALT2; PCR.PA = 11  ALT3. This is intended to
select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of
the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function is
reported as “—”.
3 Module included on the MCU.
4 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by
setting the values of the PSMIO.PADSELx bitfields inside the SIUL module.
5 Programmable via the SRC (Slew Rate Control) bits in the respective Pad Configuration Register.
6 ADC0.AN emulates ADC1.AN. This feature is used to provide software compatibility between MPC5602P and
MPC5604P. Refer to ADC chapter of reference manual for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95