| 전자부품 데이터시트 검색엔진 |
|
MPC880CZP66 데이터시트(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC880CZP66 데이터시트(HTML) 83 Page - NXP Semiconductors |
|
83 / 87 page ![]() MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7 Freescale Semiconductor 83 Mechanical Data and Ordering Information PE14, RXD3, MII2-TXD0, RMII2-TXD0 V7 Bidirectional TMS V18 Input TDI, DSDI T16 Input TCK, DSCK U17 Input TRST W18 Input TDO, DSDO T17 Output MII1_CRS T11 Input MII_MDIO P19 Bidirectional MII1_TXEN, RMII1_TXEN T5 Output MII1_COL U12 Input VSSSYN1 C2 PLL analog VDD and GND VSSSYN E4 Power VDDLSYN B2 Power GND G6, G7, G8, G9, G10, G11, G12, G13, H7, H8, H9, H10, H11, H12, H13, H14, J7, J8, J9, J10, J11, J12, J13, K7, K8, K9, K10, K11, K12, K13, L7, L8, L9, L10, L11, L12, L13, M7, M8, M9, M10, M11, M12, M13, N7, N8, N9, N10, N11, N12, N13, N14, P7, P13, R16 Power VDDL E5, E6, E9, E11, E14, G15, H5, J5, J15, K15, L5, M15, N5, R6, R9, R10, R12, R15 Power VDDH E7, E8, E10, E12, E13, E15, F5, F6, F7, F8, F9, F10, F11, F12, F13, F14, F15, G5, G14, H6, H15, J6, J14, K5, K6, K14, L6, L14, L15, M5, M6, M14, N6, N15, P5, P6, P8, P9, P10, P11, P12, P14, P15, R5, R7, R8, R11, R13, R14 Power N/C N17 No connect 1 ESAR mode only. Table 39. Pin Assignments (continued) Name Pin Number Type |