| 전자부품 데이터시트 검색엔진 |
|
PPC5604B1VLL6R 데이터시트(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5604B1VLL6R 데이터시트(HTML) 52 Page - NXP Semiconductors |
|
52 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 14 Package pinouts and signal descriptions NXP Semiconductors 52 Figure 10. Voltage regulator capacitance connection The internal voltage regulator requires external capacitance (CREGn) to be connected to the device in order to provide a stable low voltage digital supply to the device. Capacitances should be placed on the board as near as possible to the associated pins. Care should also be taken to limit the serial inductance of the board to less than 5 nH. Each decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to ensure stable voltage (see 2.13, Recommended operating conditions). The internal voltage regulator requires a controlled slew rate of both VDD_HV and VDD_BV as described in Figure 11. DEVICE VSS_LV VDD_BV VDD_LV VSS_LV VDD_LV VDD_HV VSS_LV VDD_LV CREG2 (LV_COR/LV_CFLA) CREG3 CDEC2 DEVICE VDD_BV I VDD_LVn VREF VDD_HV Voltage Regulator VSS_HV VSS_LVn (supply/IO decoupling) (LV_COR/LV_PLL) |