전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QM55003 데이터시트(PDF) 1 Page - Qorvo, Inc

부품명 QM55003
상세설명  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QORVO [Qorvo, Inc]
홈페이지  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 데이터시트(HTML) 1 Page - Qorvo, Inc

  QM55003 Datasheet HTML 1Page - Qorvo, Inc QM55003 Datasheet HTML 2Page - Qorvo, Inc QM55003 Datasheet HTML 3Page - Qorvo, Inc QM55003 Datasheet HTML 4Page - Qorvo, Inc QM55003 Datasheet HTML 5Page - Qorvo, Inc QM55003 Datasheet HTML 6Page - Qorvo, Inc QM55003 Datasheet HTML 7Page - Qorvo, Inc QM55003 Datasheet HTML 8Page - Qorvo, Inc QM55003 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
QM55003
Mid-Band Low-Band NB-IoT TxM
QM55003 Data Sheet Rev C | Subject to change without notice
1 of 25
www.qorvo.com
Product Overview
QM55003 is a hybrid, multi-band multi-chip RF front-end (RFFE)
module supporting for NB-IoT and Cat-M1 application. The
module supports LB (663MHz
– 915MHz) and MB (1695MHz –
1980MHz). It has integrated harmonic rejection LPF, antenna
switch and auxillary TX/RX path. QM55003 band select and bias
are programmed through a Mobile Industry Processor Interface
(MIPI).
Functional Block Diagram
Functional Block Diagram
Ordering Information
Part Number
Description
QM55003PCK
Evaluation Board Sample Kit
QM55003SB
5-Piece Sample Bag
QM55003SQ
25-Piece Sample Bag
QM55003SR
100-Piece 7inch Sample Reel
QM55003TR13
5000-Piece 13inch Reel
QM55003DK
Design Kit: QM55003PCK
+RD2000 Communication Board
Package: Module, 20-Pin 4.00 x 4.00 x 0.64 mm
Key Features
• Integrated Switch Supports Multiple TX and RX paths
• MIPI RFFE Digital Control Interface
• Integrated harmonic reject LPF
• Integrated Rx LPF for out-of-band rejection
• AUX paths
• 2.5V supplies
• Optimized use with DC/DC Converter Operation
• Average Power Tracking
• Optimized for Narrow-Band IoT and Cat-M1
• Programmable Bias Level Control
Applications
• LTE mid-bands: 1, 2, 3, 4, 25, 39, 66, 70
• LTE low-bands: 5, 8, 12, 13, 14, 17, 18, 19, 20, 26, 27, 28,
71, 85
• Narrow-Band IoT and Cat-M1


유사한 부품 번호 - QM55003

제조업체부품명데이터시트상세설명
logo
Qorvo, Inc
QM55001 QORVO-QM55001 Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
QM55001DK QORVO-QM55001DK Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
QM55001PCK QORVO-QM55001PCK Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
QM55001SB QORVO-QM55001SB Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
QM55001SQ QORVO-QM55001SQ Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
More results

유사한 설명 - QM55003

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
NMO27BCO PULSE-NMO27BCO Datasheet
251Kb / 1P
Low/Mid Band 27-136 MHz
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
Multi-band NB-IoT modules
UBX-R5 U-BLOX-UBX-R5 Datasheet
158Kb / 2P
Multi-band LTE-M / NB-IoT chipset
logo
Quectel Wireless Soluti...
BC68 QUECTEL-BC68 Datasheet
541Kb / 2P
Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
List of Unclassifed Man...
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
logo
TE Connectivity Ltd
2118614-1 TEC-2118614-1 Datasheet
515Kb / 5P
METASPAN 698-960, 1710-2170 & 2300-2700 MHz LTE / NB-IoT WORLD BAND ANTENNA
2118879-1 TEC-2118879-1 Datasheet
633Kb / 6P
4G/3G/2G, NB-IoT, Cat-M, GNSS WORLD BAND ANTENNA
2195728-1 TEC-2195728-1 Datasheet
780Kb / 7P
5G/4G/3G/2G, NB-IoT, Cat-M, GNSS WORLD BAND ANTENNA
logo
Qorvo, Inc
QM55001 QORVO-QM55001 Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com