| 전자부품 데이터시트 검색엔진 |
|
TC2575-3.3VAT 데이터시트(PDF) 3 Page - TelCom Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
TC2575-3.3VAT 데이터시트(HTML) 3 Page - TelCom Semiconductor, Inc |
|
3 / 25 page ![]() 3 TC2575 TC2575-1 3/13/00 1.0A Step-Down Switching Regulator ELECTRICAL CHARACTERISTICS: (Unless otherwise specified, VIN = 12V for the 3.3V, 5.0V, and Adjustable version,VIN = 25V for the 12V version. ILOAD = 200mA. For typical values TJ = 25°C, for min/max values TJ is the operat- ing junction temperature range that applies (Note 2), unless otherwise noted. Symbol Parameter Test Conditions Min Typ Max Units TC2575-ALL OUTPUT VOLTAGE VERSIONS Ib Feedback Bias Current VOUT = 5.0V (Adjustable Version Only) nA TJ = 25°C — 25 100 TJ = –40°C to +125°C — — 200 fOSC Oscillator Frequency (Note 3) TJ = 25°C — 52 — kHz TJ = 0 to +125°C47 — 58 TJ = –40 to +125°C42 — 63 VSAT Saturation Voltage IOUT = 1.0A, (Note 4) V TJ = 25°C — 1.0 1.2 TJ = –40 to +125°C — — 1.3 DC Max Duty Cycle (“on”) [Note 5] 94 98 — % ICL Current Limit Peak Current A (Notes 3 and 4) TJ = 25°C 1.7 2.3 3.0 TJ = –40 to +125°C 1.4 — 3.2 IL Output Leakage Current mA (Notes 6 and 7), TJ = 25°C Output = 0 V — 0.8 2.0 Output = – 1.0 V — 6.0 20 IQ Quiescent Current (Note 6) mA TJ = 25°C — 5.0 9.0 TJ = –40 to +125°C— — 11 ISTBY Standby Quiescent Current, µA ON/OFF Pin = 5.0 V (“off”) TJ = 25°C — 80 200 TJ = –40 to +125°C — — 400 VIH ON/OFF Pin Logic Input Level V (Test Figure 2) VOUT = 0V TJ = 25°C 2.2 1.4 — TJ = –40 to +125°C 2.4 — — VIL Nominal Output Voltage VOUT = Nominal Output Voltage V TJ = 25°C — 1.2 1.0 TJ = –40 to +125°C — — 0.8 IIH ON/OFF Pin Input Current µA (Test Figure 2) ON/OFF Pin = 5.0V (“off”), — 15 30 TJ = 25°C IIL ON/OFF Pin Input Current ON/OFF Pin = 0V (“on”), — 0 5.0 µA TJ = 25°C NOTES: 3. The oscillator frequency reduces to approximately 18kHz in the event of an output short or an overload which causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%. 4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to the output pin. 5. Feedback (Pin 4) removed from output and connected to 0V. 6. Feedback (Pin 4) removed from output and connected to +12V for the Adjustable, 3.3V, and 5.0V versions, and 25V for the 12V, to force the output transistor "OFF". 7. VIN = 40 V. |