전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW5095T 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STW5095T
상세설명  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 29Page - STMicroelectronics STW5095T Datasheet HTML 30Page - STMicroelectronics STW5095T Datasheet HTML 31Page - STMicroelectronics STW5095T Datasheet HTML 32Page - STMicroelectronics STW5095T Datasheet HTML 33Page - STMicroelectronics STW5095T Datasheet HTML 34Page - STMicroelectronics STW5095T Datasheet HTML 35Page - STMicroelectronics STW5095T Datasheet HTML 36Page - STMicroelectronics STW5095T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
STw5095
4 Control Registers
33/69
Bits
Name CR22
(Name CR25)
Value
CR22 and CR25 Description
Def.
5
DAMAST
(ADMAST)
1
0
DA (AD) Audio interface is in Master Mode (low impedance output)
DA (AD) Audio interface is in Slave Mode (high impedance input)
0
4
DAMASTGEN
(ADMASTGEN)
1
0
DA (AD) Master Generator is enabled
DA (AD) Master Generator is disabled
0
3
ENDAOCK
(ENADOCK)
1
0
DA_OCK (AD_OCK) Output Clock is enabled
DA_OCK (AD_OCK) Output Clock is disabled
0
2
DAOCK512
(ADOCK512)
1
0
Definition of DA_OSR (AD_OSR)
DA_OCK/DA_SYNC (AD_OCK/AD_SYNC) Ratio In Master Mode is
512
DA_OCK/DA_SYNC (AD_OCK/AD_SYNC) Ratio In Master Mode is
256
0
1-0
DAPCMF(1:0)
(ADPCMF(1:0))
00
00
01
10
11
11
DA_CK/DA_SYNC (AD_CK/AD_SYNC) Ratio in PCM Master Mode
- 16
when CR26 DAWL=000 (CR27 ADWL=000)
- 32
when CR26 DAWL
≠000 (CR27 ADWL≠000)
-64
- 128
- 256
when CR22 DAOCK512=0 (CR25 ADOCK512=0)
- 512
when CR22 DAOCK512=1 (CR25 ADOCK512=1)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69