전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX140 데이터시트(PDF) 7 Page - Texas Instruments

부품명 OPAX140
상세설명  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX140 데이터시트(HTML) 7 Page - Texas Instruments

Back Button OPAX140 Datasheet HTML 3Page - Texas Instruments OPAX140 Datasheet HTML 4Page - Texas Instruments OPAX140 Datasheet HTML 5Page - Texas Instruments OPAX140 Datasheet HTML 6Page - Texas Instruments OPAX140 Datasheet HTML 7Page - Texas Instruments OPAX140 Datasheet HTML 8Page - Texas Instruments OPAX140 Datasheet HTML 9Page - Texas Instruments OPAX140 Datasheet HTML 10Page - Texas Instruments OPAX140 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
6.7 Electrical Characteristics: VS = 4.5 V to 36 V; ±2.25 V to ±18 V
at TA = 25°C, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
30
120
µV
VS = ±18 V, TA = –40°C to 125°C
220
VS = ±2.25 V to ±18 V, TA = –40°C to 125°C
±4
µV/V
dVOS/dT
Input offset voltage drift
VS = ±18 V, TA = –40°C to 125°C
±0.35
1
µV/°C
PSRR
Power-supply rejection
ratio
VS = ±2.25 V to ±18 V, TA = –40°C to 125°C
±0.1
±0.5
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±0.5
±10
pA
TA = –40°C to 125°C
±3
nA
IOS
Input offset current
±0.5
±10
pA
TA = –40°C to 125°C
±1
nA
NOISE
En
Input voltage noise
f = 0.1 Hz to 10 Hz
250
nVPP
f = 0.1 Hz to 10 Hz
42
nVRMS
en
Input voltage noise
density
f = 10 Hz
8
nV/√ Hz
f = 100 Hz
5.8
f = 1 kHz
5.1
in
Input current noise
density
f = 1 kHz
0.8
fA/√ Hz
INPUT VOLTAGE
VCM
Common-mode voltage
TA = –40°C to 125°C
(V–) – 0.1
(V+) – 3.5
V
CMRR
Common-mode rejection
ratio
VS = ±18 V, VCM = (V–) – 0.1 V
to (V+) – 3.5 V
126
140
dB
TA = –40°C to 125°C
120
INPUT IMPEDANCE
ZID
Differential
1013 || 10
Ω || pF
ZIC
Common-mode
VCM = (V–) – 0.1 V to (V+) – 3.5 V
1013 || 7
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 10 kΩ
120
126
dB
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 2 kΩ
114
126
TA = –40°C to 125°C
108
FREQUENCY RESPONSE
BW
Gain bandwidth product
11
MHz
SR
Slew rate
20
V/µs
ts
Settling time
12-bit
880
ns
16-bit
1.6
µs
tOR
Overload recovery time
600
ns
THD+N
Total harmonic distortion
+ noise
1 kHz, G = 1, VO = 3.5 VRMS
0.00005%
OUTPUT
VO
Voltage output
RLOAD = 10 kΩ, AOL ≥ 108 dB
(V–) + 0.2
(V+) – 0.2
V
RLOAD = 2 kΩ, AOL ≥ 108 dB
(V–) + 0.35
(V+) – 0.35
ISC
Short-circuit current
Source
36
mA
Sink
–30
CLOAD
Capacitive load drive
See Figure 6-19 and Figure 6-20
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A (See Figure 6-18)
16
Ω
www.ti.com
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com