| 전자부품 데이터시트 검색엔진 |
|
P9NK90Z 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
P9NK90Z 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() Electrical characteristics STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z 4/16 2 Electrical characteristics (TCASE=25°C unless otherwise specified) Table 4. On/off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage ID = 1mA, VGS= 0 900 V IDSS Zero gate voltage drain current (VGS = 0) VDS = Max rating, VDS = Max rating @125°C 1 50 µA µA IGSS Gate body leakage current (VDS = 0) VGS = ±20V, VDS = 0 ± 10 nA VGS(th) Gate threshold voltage VDS= VGS, ID = 100µA 3 3.75 4.5 V RDS(on) Static drain-source on resistance VGS= 10V, ID= 3.6A 1.1 1.3 Ω Table 5. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit gfs (1) 1. Pulsed: pulse duration=300µs, duty cycle 1.5% Forward transconductance VDS =15V, ID = 3.6 A 5.75 S Ciss Coss Crss Input capacitance Output capacitance Reverse transfer capacitance VDS =25V, f=1 MHz, VGS=0 2115 190 40 pF pF pF Coss eq (2) . 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS inceases from 0 to 80% VDSS Equivalent output capacitance VGS=0, VDS =0V to 720V 115 pF Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge VDD=720V, ID = 8A VGS =10V (see Figure 19) 72 14 38 nC nC nC |