| 전자부품 데이터시트 검색엔진 |
|
STW4810BRA 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4810BRA 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 72 page ![]() STw4810 5 Electrical and timing characteristics Rev3 57/72 5.4.5 CMOS input/output static characteristics: VMMC level Table 48. CMOS input/output static characteristics VMMC level Symbol Description Test conditions Min. Typ. Max. Units DATAOUT0, DATAOUT1, DATAOUT2, DATAOUT3, CMDOUT, LATCHCLK, CLKOUT VIL Low level input voltage 0.3*VMMC VIH High level input voltage 0.7*VMMC IIL Low level input current -1.0 1.5 µA IIH High level input current -1.0 1.5 µA CIN Input capacitance 10 pF VOL Low level output voltage IOL = TBD 0.2*VMMC VOH High level output voltage IOL = TBD 0.8*VMMC CI/O Driving capability 40 pF |