| 전자부품 데이터시트 검색엔진 |
|
PD39208 데이터시트(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PD39208 데이터시트(HTML) 1 Page - Microchip Technology |
|
1 / 34 page ![]() PD39208 PoE PSE Manager Introduction Microchip's PD39208 Power over Ethernet (PoE) manager IC integrates power, analog, and state-of-the-art logic into a single 8 mm × 8 mm, 56-pin, plastic QFN package. The device, when used with the Microchip PD39210 PSE controller, is an optimized IEEE ® 802.3af/at Power Sourcing Equipment (PSE) solution. The PD39208 may also be used with the Microchip PD692x0 family of PSE controllers or an Ethernet switch processor from a supported third- party vendor for 802.3af/at solutions. Typical PoE Application The following figure shows the typical PoE application of Microchip Generation 6 devices. Figure 1. Typical PoE Application with Microchip Controller Consult Microchip Designing an IEEE 802.3af/at PoE System Based on PD39208/PD39210. © 2020 Microchip Technology Inc. Datasheet DS00003555B-page 1 |
유사한 부품 번호 - PD39208 |
|
유사한 설명 - PD39208 |