전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QPB8888 데이터시트(PDF) 4 Page - Qorvo, Inc

부품명 QPB8888
상세설명  xPON Video Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QORVO [Qorvo, Inc]
홈페이지  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB8888 데이터시트(HTML) 4 Page - Qorvo, Inc

  QPB8888 Datasheet HTML 1Page - Qorvo, Inc QPB8888 Datasheet HTML 2Page - Qorvo, Inc QPB8888 Datasheet HTML 3Page - Qorvo, Inc QPB8888 Datasheet HTML 4Page - Qorvo, Inc QPB8888 Datasheet HTML 5Page - Qorvo, Inc QPB8888 Datasheet HTML 6Page - Qorvo, Inc QPB8888 Datasheet HTML 7Page - Qorvo, Inc QPB8888 Datasheet HTML 8Page - Qorvo, Inc QPB8888 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QPB8888
xPON Video Receiver
Data Sheet
– Rev E, April 29, 2019 | Subject to change without notice
- 4 of 12 -
www.qorvo.com
®
Reference Designator
Description
Manufacturer
Manufacturer Part #
U1
Optical TIA
QPB8888
U2, U3
CATV Voltage Controlled Attenuator
Qorvo
RFSA3043
PCB
PCB, QPB8888
Viasystems Technologies Corp
QPB8888-4001(A)
PD1
InGaAs Photodiode
Beijing SWT Optical Comm.
Technology Company, LTD
1096964
C34
CAP, 0.5
 pF ROHS, 0402
Johanson Technology
500R07S0R5AV4T
C41
Cap0402 1pF ROHS
Johanson Technology
500R07S1R0AV4T
C36
CAP, 1.3pF, +/-0.1pF, 50V, C0G, 0402 Murata Electronics, Singapore
GRM1555C1H1R3BA01D
C29, C30
CAP, 6.8
 pF, +/-0.1 pF, 50 V, C0G,
0402
Murata Electronics, Singapore
GRM1555C1H6R8BA01D
C40
CAP, 5.6
 pF, +/-0.25 pF, 50 V, HI-Q,
0402
Murata Electronics, Singapore
GJM1555C1H5R6CB01D
C7, C18
CAP, 82
 pF, 5%, 50 V, C0G, 0402
Murata Electronics, Singapore
GRM1555C1H820JA01D
C9, C13, C16, C17, C20, C23, C24
CAP, 1000
 pF, 10%, 50 V, X7R, 0402
Murata Electronics, Singapore
GRM155R71H102KA01D
C4, C6, C10, C19, C25, C28, C39
CAP, 10000
 pF, 10%, 25 V, X7R, 0402 Murata Electronics, Singapore
GRM155R71E103KA01D
C35, C38
CAP, 10
 pF, 2.5%, 50 V, C0G, 0402
Murata Electronics, Singapore
GRM1555C1H100RA01D
C1, C2
CAP, 0.1
 uF, 10%, 16 V, X7R, 0603
Murata Electronics, Singapore
GRM188R71C104KA01D
C12, C15
CAP, 120
 pF, 5%, 50 V, C0G, 0402
Murata Electronics, Singapore
GRM1555C1H121JA01D
C8
CAP, 180
 pF, 5%, 50 V, C0G, 0402
Murata Electronics, Singapore
GRM1555C1H181JA01D
C3
CAP, 10
 uF, 10%, 16 V, TANT-B
AVX/Kyocera Asia LTD
TAJB106K016RNJ
C14, C21
CAP, 1
 uF, 10%, 10 V, X5R, 0402
Murata Electronics, Singapore
GRM155R61A105KE15D
C31, C32
CAP, 470
 pF, 5%, 50 V, C0G, 0402
Murata Electronics, Singapore
GRM1555C1H471JA01D
C26, C27
CAP, 0.1
 pF, +/-0.05 pF, 50 V, HI-Q,
0402
Murata Electronics, Singapore
GJM1555C1HR10WB01D
C33
CAP,
3.3 pF, +/-0.1 pF,50 V, NPO, 0402 Murata Electronics, Singapore
GRM1555C1H3R3BA01D
R13, R15
RES, 100 Ω ROHS, 0402
Kamaya, Inc
RMC1/16SK1000FTH
R4, R11, R20
RES, 200 Ω ROHS, 0402
Kamaya, Inc
RMC1/16SK2000FTH
R24
R
ES, 75 Ω ROHS, 0402
Kamaya, Inc
RMC1/16SK75R0FTH
L10,L11,L17,L18,R25,R33,R34,R35,R36,R44
RES, 0 Ω, 5%, 1/10W, 0402
Kamaya, Inc
RMC1/16SJPTH
R9, R10
RES, 22 Ω, 5%, 1/16W, 0402
Kamaya, Inc
RMC1/16S-220JTH
R23
RES, 10K
 Ω, 1%, 1/16W, 0402
Panasonic Industrial Devices
ERJ-2RKF1002X
R1, R2
RES, 39 Ω, 1%, 1/4W, 1206
Panasonic Industrial Devices
ERJ-8ENF39R0V
R12, R14
RES, 4.99 Ω, 1%, 1/2W, 1206
Vishay Dale Electronics
CRCW12064R99FKEAHP
R37
RES, 360 Ω, 1%, 1/10W, 0402
Kamaya, Inc
RMC1/16SK3600FTH
R31, R32
RES, 44.2 Ω, 1%, 1/10W, 0402
Kamaya, Inc
RMC1/16SK44R2FTH
R3, R16
RES, 2.49 Ω, 1%, 1/10W, 0402
Kamaya, Inc
RMC1/16SK2R49FTH
R6, R21
RES, 1.6
 KΩ, 1%, 1/10W, 0402
Kamaya, Inc
RMC1/16SK1601FTH
R26, R27, R28, R29, R30
RES, 1
 KΩ, 1%, 1/10W, 0402
Kamaya, Inc
RMC1/16SK1001FTH
R7, R17
RES, 36 Ω, 1%, 1/10W, 0402
KOA Speer Electronics
RK73B1ETTP360J
L5, L12
IND, 390 nH, W/W, 0603
Coilcraft, Inc
0603CS-R39XJRW
L4
IND, 9.1 nH, T/F, 0402
Murata Electronics, Singapore
LQP15MN9N1B02D
L2, L13
IND, 68
 nH, 5%, M/L, 0402
Murata Electronics, Singapore
LQG15HN68NJ02D
L16
IND, 8.2
 nH, +/-0.1 nH, T/F, 0402
Murata Electronics, Singapore
LQP15MN8N2B02D
L7
IND, 68
 nH, 5%, W/W, 0402
Coilcraft, Inc
0402CS-68NXJRW
L3, L9
IND, 880
 nH, 5%, W/W, 0805
Gowanda Electronics
CC0805-880J-2
L6, L8
IND, 9
 nH, 5%, 1.4A, W/W, 0402
Coilcraft, Inc.
0402HP-9N0XJLW
FB1, FB2, FB3, FB4, FB6, L1
FER, BEAD, 1
 KΩ, 50mA, 0402
Murata Electronics, Singapore
BLM15AG102SN1D
T1
XFMR, 1:3, 5-
1200 MHz, 75 Ω, 2W,
S20
MiniRF, Inc
RFXF5743
J2
CONN, F FEM EDGE MOUNT, 75 Ω
Millimeter Wave Technologies
MW-846-C-DD-75
P1
CONN, HDR, ST, PLRZD, 2-PIN,
0.100"
ITW Pancon
MPSS100-2-C
P2
CONN, HDR, ST, PLRZD, 7-PIN
ITW Pancon
MPSS100-7-C
R5, R18, R19, R22, C11, C22
NOT POPULATED ITEM-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com